Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP21WB473J03RA Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # NCP21WB473J03RA
Description  NTC Thermistors
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP21WB473J03RA Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button NCP21WB473J03RA Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP21WB473J03RA Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP21WB473J03RA Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP21WB473J03RA Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP21WB473J03RA Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP21WB473J03RA Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP21WB473J03RA Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NCP21WB473J03RA Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NCP21WB473J03RA Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
7
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
NTC Thermistors
for Temperature Sensor and Compensation 0201 (0603) Size
Electrode
(Ag System + Ni Plating + Sn Plating)
0.15
±0.05
0.15
±0.05
0.60
±0.03
(in mm)
Part Number
Resistance
(25
°C)
(ohm)
B-Constant
(25-50
°C)
(K)
B-Constant
(25-80
°C)
(Reference Value) (K)
B-Constant
(25-85
°C)
(Reference Value) (K)
B-Constant
(25-100
°C)
(Reference Value) (K)
Permissive Operating
Current (25
°C)
(mA)
Rated Electric
Power (25
°C)
(mW)
Typical Dissipation
Constant (25
°C)
(mW/
°C)
NCP03YS110J05RL
11
±5%
2750
±3%
2758
2758
2758
9.50
100
1
NCP03YS220J05RL
22
±5%
2750
±3%
2758
2758
2758
6.70
100
1
NCP03YS330J05RL
33
±5%
2750
±3%
2758
2758
2758
5.50
100
1
NCP03YS470J05RL
47
±5%
2750
±3%
2758
2758
2758
4.60
100
1
NCP03YS680J05RL
68
±5%
2750
±3%
2758
2758
2758
3.80
100
1
NCP03YS101J05RL
100
±5%
2750
±3%
2758
2758
2758
3.10
100
1
NCP03XM102p05RL
1.0k
3500
±1%
3539
3545
3560
1.00
100
1
NCP03XM152p05RL
1.5k
3500
±1%
3539
3545
3560
0.81
100
1
NCP03XM222p05RL
2.2k
3500
±1%
3539
3545
3560
0.67
100
1
NCP03XM332p05RL
3.3k
3500
±1%
3539
3545
3560
0.55
100
1
NCP03XM472p05RL
4.7k
3500
±1%
3539
3545
3560
0.46
100
1
NCP03XH682p05RL
6.8k
3380
±1%
3428
3434
3455
0.38
100
1
NCP03XH103F05RL
10k
±1%
3380
±1%
3428
3434
3455
0.31
100
1
NCP03XH103p05RL
10k
3380
±1%
3428
3434
3455
0.31
100
1
NCP03XV103p05RL
10k
3900
±1%
3930
3934
3944
0.31
100
1
NCP03XH153p05RL
15k
3380
±1%
3428
3434
3455
0.25
100
1
NCP03XH223p05RL
22k
3380
±1%
3428
3434
3455
0.21
100
1
NCP03WF333p05RL
33k
4250
±1%
4303
4311
4334
0.17
100
1
NCP03WB473p05RL
47k
4050
±3%
4101
4108
4131
0.14
100
1
NCP03WL473p05RL
47k
4485
±1%
4537
4543
4557
0.14
100
1
NCP03WF683p05RL
68k
4250
±1%
4303
4311
4334
0.12
100
1
NCP03WL683p05RL
68k
4485
±1%
4537
4543
4557
0.12
100
1
NCP03WF104F05RL
100k
±1%
4250
±1%
4303
4311
4334
0.10
100
1
NCP03WF104p05RL
100k
4250
±1%
4303
4311
4334
0.10
100
1
NCP03WL104p05RL
100k
4485
±1%
4537
4543
4557
0.10
100
1
NCP03WL154p05RL
150k
4485
±1%
4537
4543
4557
0.08
100
1
NCP03WL224p05RL
220k
4485
±1%
4537
4543
4557
0.06
100
1
A blank column is filled with resistance tolerance codes (E:
±3%, J: ±5%).
Rated Electric Power is necessary electric power that Thermistor's temperature rises 100
°C by self heating at 25°C in still air.
Operating Temperature Range: -40
°C to +125°C
0201/0402/0603/0805 sized Chip NTC Thermistors have Ni
barrier termination and provide excellent solderability
and offer high stability in environment by unique inner
construction.
s Features
1. Excellent solderability and high stability in
environment
2. Excellent long time aging stability
3. High accuracy in resistance and B-Constant
4. Reflow soldering possible
5. NCP series are recognized by UL/cUL.
(UL1434, File No.E137188)
s Applications
1. Temperature compensation for transistor, IC and
crystal oscillator in mobile communications
2. Temperature sensor for rechargeable batteries
3. Temperature compensation of LCD
4. Temperature compensation in general use of electric circuits
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R44E.pdf
10.2.22


Similar Part No. - NCP21WB473J03RA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP21WB473J03RA MURATA-NCP21WB473J03RA Datasheet
1Mb / 44P
   NTC Thermistors
NCP21WB473J03RA MURATA-NCP21WB473J03RA Datasheet
204Kb / 3P
   NTC Thermistors
logo
Murata Manufacturing Co...
NCP21WB473J03RA MURATA1-NCP21WB473J03RA Datasheet
428Kb / 3P
   NTC Thermistors
10/24/2022
NCP21WB473J03RA MURATA1-NCP21WB473J03RA Datasheet
472Kb / 3P
   NTC for Temperature Sensor
01/15/2024
logo
Murata Manufacturing Co...
NCP21WB473J03RA MURATA-NCP21WB473J03RA_17 Datasheet
204Kb / 3P
   NTC Thermistors
More results

Similar Description - NCP21WB473J03RA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com