Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NME2405DC Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NME2405DC
Description  Isolated 1W Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NME2405DC Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NME2405DC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NME2405DC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NME2405DC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NME2405DC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NME 24V & 48V Series
Isolated 1W Single Output DC/DC Converters
KDC_NME2.E02 Page 1 of 4
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code
Package
Style
V
V
mA
%
pF
kHrs
NME2405DC
24
5
200
70
40
201
DIP
NME2409DC
24
9
111
75
59
185
NME2412DC
24
12
83
80
78
163
NME2415DC
24
15
66
80
79
136
NME2405SC
24
5
200
70
40
201
SIP
NME2409SC
24
9
111
75
59
185
NME2412SC
24
12
83
80
78
163
NME2415SC
24
15
66
80
79
136
Obsolete
Recommended
Alternative
NME4805DC
48
5
200
70
32
213
DIP
MER1S4805SC
NME4809DC
48
9
111
75
50
194
DIP
MER1S4809SC
NME4812DC
48
12
83
80
76
164
DIP
MER1S4812SC
NME4815DC
48
15
66
80
75
140
DIP
MER1S4815SC
NME4805SC
48
5
200
70
32
213
SIP
MER1S4805SC
NME4809SC
48
9
111
75
50
194
SIP
MER1S4809SC
NME4812SC
48
12
83
80
76
164
SIP
MER1S4812SC
NME4815SC
48
15
66
80
75
140
SIP
MER1S4815SC
When operated with additional external load capacitance the rise time of the input voltage will determine the maximum external
capacitance value for guaranteed start up. The slower the rise time of the input voltage the greater the maximum value of the
additional external capacitance for reliable start up.
DESCRIPTION
The NME series of DC/DC Converters is
particularly suited to isolating and/or converting
DC power rails. The galvanic isolation allows
the device to be configured to provide an
isolated negative rail in systems where only
positive rails exist.
FEATURES
RoHS Compliant
Single Isolated Output
1kVDC Isolation
Efficiency up to 80%
Power Density 1.45W/cm3
UL 94V-0 Package Material
Footprint from 0.69cm2
Industry Standard Pinout
24V & 48V Input
5V, 9V, 12V and 15V Output
No Heatsink Required
Internal SMD Construction
Fully Encapsulated with Toroidal
Magnetics
No External Components Required
Custom Solutions Available
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 24V input types
21.6
24
26.4
V
Continuous operation, 48V input types
43.2
48
52.8
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection3
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage VIN, NME24 types
28V
Input voltage VIN, NME48 types
54V
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2. See derating curve.
3. Supply voltage must be disconnected at the end of the short circuit duration.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power2
TA=0°C to 70°C
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.2
%/%
Load Regulation2
10% load to rated load, 5V output types
15
%
10% load to rated load, all other output types
10
Ripple and Noise
BW=DC to 20MHz, all output types
150
mV p-p


Similar Part No. - NME2405DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NME2405DC MURATA-PS-NME2405DC Datasheet
207Kb / 11P
   Isolated 1W Single Output DC-DC Converters
NME2405DC MURATA-PS-NME2405DC Datasheet
1Mb / 13P
   Isolated 1W Single Output DC-DC Converters
2023
More results

Similar Description - NME2405DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com