Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPX2100GSX Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPX2100GSX
Description  0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2100GSX Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPX2100GSX Datasheet HTML 2Page - Motorola, Inc MPX2100GSX Datasheet HTML 3Page - Motorola, Inc MPX2100GSX Datasheet HTML 4Page - Motorola, Inc MPX2100GSX Datasheet HTML 5Page - Motorola, Inc MPX2100GSX Datasheet HTML 6Page - Motorola, Inc MPX2100GSX Datasheet HTML 7Page - Motorola, Inc MPX2100GSX Datasheet HTML 8Page - Motorola, Inc MPX2100GSX Datasheet HTML 9Page - Motorola, Inc MPX2100GSX Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MPX2100 MPX2101 SERIES
9
Motorola Sensor Device Data
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.


Similar Part No. - MPX2100GSX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2100GSX MOTOROLA-MPX2100GSX Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MPX2100GSX FREESCALE-MPX2100GSX Datasheet
307Kb / 8P
   100kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
More results

Similar Description - MPX2100GSX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX7100 MOTOROLA-MPX7100 Datasheet
193Kb / 10P
   0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2700 MOTOROLA-MPX2700 Datasheet
190Kb / 10P
   0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7200 MOTOROLA-MPX7200 Datasheet
179Kb / 8P
   0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2200 MOTOROLA-MPX2200 Datasheet
171Kb / 8P
   0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7050 MOTOROLA-MPX7050 Datasheet
191Kb / 10P
   0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX700 MOTOROLA-MPX700 Datasheet
175Kb / 8P
   0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX200 MOTOROLA-MPX200 Datasheet
179Kb / 8P
   0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com