Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZS6.2B Datasheet(PDF) 4 Page - Rohm

Part # UDZS6.2B
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UDZS6.2B Datasheet(HTML) 4 Page - Rohm

  UDZS6.2B Datasheet HTML 1Page - Rohm UDZS6.2B Datasheet HTML 2Page - Rohm UDZS6.2B Datasheet HTML 3Page - Rohm UDZS6.2B Datasheet HTML 4Page - Rohm UDZS6.2B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.02 - Rev.D
Data Sheet
UDZS4.7B
1
10
100
1000
10000
0.1110
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
IR DISPERSION MAP
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
Ct DISPERSION MAP
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
ZENER CURRENT(mA)
Zz-Iz CHARACTERISTICS
Vz DISPERSION MAP
0.0001
0.001
0.01
0.1
1
10
100
1000
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
Ta=125℃
Ta=-25℃
Ta=25℃
Ta=75℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25℃
VR=1.0V
n=30pcs
AVE:0.119nA
1
10
100
0
0.2
0.4
0.6
0.8
1
f=1MHz
40
41
42
43
44
45
46
47
48
49
50
AVE:45.65pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0.001
0.01
0.1
1
10
012
3456
Ta=25℃
Ta=75℃
Ta=-25℃
Ta=125℃
4.5
4.6
4.7
4.8
4.9
5
AVE:4.680V
Ta=25℃
IZ=5mA
n=30pcs


Similar Part No. - UDZS6.2B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZS6.2B ROHM-UDZS6.2B Datasheet
158Kb / 5P
   Zener diode
UDZS6.2B ROHM-UDZS6.2B Datasheet
159Kb / 5P
   Zener diode
UDZS6.2B ROHM-UDZS6.2B Datasheet
158Kb / 5P
   Constant voltage control Can be mounted automatically, using chip mounter.
UDZS6.2B ROHM-UDZS6.2B Datasheet
158Kb / 5P
   Zener diode
UDZS6.2B ROHM-UDZS6.2B Datasheet
133Kb / 5P
   Zener diode
More results

Similar Description - UDZS6.2B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com