Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RZR025P01TL Datasheet(PDF) 3 Page - Rohm

Part # RZR025P01TL
Description  1.5V Drive Pch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RZR025P01TL Datasheet(HTML) 3 Page - Rohm

  RZR025P01TL Datasheet HTML 1Page - Rohm RZR025P01TL Datasheet HTML 2Page - Rohm RZR025P01TL Datasheet HTML 3Page - Rohm RZR025P01TL Datasheet HTML 4Page - Rohm RZR025P01TL Datasheet HTML 5Page - Rohm RZR025P01TL Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RZR025P01
Transistors
3/5
Electrical characteristic curves
10
100
1000
0.1
1
10
DRAIN CURRENT : -I
D [A]
VGS= -1.5V
Pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta= -25℃
0
2
4
6
8
10
0.0
0.2
0.4
0.6
0.8
1.0
DRAIN-SOURCE VOLTAGE -VDS[V]
VGS= -10V
VGS= -4.5V
VGS= -4.0V
VGS= -2.5V
VGS= -2.0V
VGS= -1.6V
VGS= -1.2V
Ta=25℃
Pulsed
0.01
0.1
1
10
0.0
0.5
1.0
1.5
GATE-SOURCE VOLTAGE : -V
GS [V]
VDS= -6V
Pulsed
Ta= 125°C
Ta= 75℃
Ta= 25℃
Ta= - 25℃
10
100
1000
0.1
1
10
DRAIN CURRENT : -ID [A]
Ta=25℃
Pulsed
VGS= -1.5V
VGS= -1.8V
VGS= -2.5V
VGS= -4.5V
.
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
SOURCE-DRAIN VOLTAGE : -V
SD [V]
VGS=0V
Pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
0
2
4
6
8
10
02
4
6
8
10
DRAIN-SOURCE VOLTAGE -VDS[V]
VGS= -1.2V
VGS= -1.5V
Ta=25℃
Pulsed
VGS= -10V
VGS= -4.5V
VGS= -2.5V
VGS= -1.8V
10
100
1000
0.1
1
10
DRAIN CURRENT : -ID [A]
VGS= -2.5V
Pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta= -25℃
10
100
1000
0.1
1
10
DRAIN CURRENT : -ID [A]
VGS= -4.5V
Pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta= -25℃
10
100
1000
0.1
1
10
DRAIN CURRENT : -ID [A]
VGS= -1.8V
Pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta= -25℃
Fig.1 Typical Output Characteristics(Ⅰ)
Fig.2 Typical Output Characteristics(Ⅱ)
Fig.3 Typical Transfer Characteristics
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅰ)
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅱ)
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅲ)
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅳ)
Fig.9 Reverse Drain Current
vs. Sourse-Drain Voltage
Fig.8 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅳ)


Similar Part No. - RZR025P01TL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RZR025P01TL VBSEMI-RZR025P01TL Datasheet
495Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - RZR025P01TL

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
   1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
   1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
   1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
RZL025P01 ROHM-RZL025P01 Datasheet
209Kb / 6P
   1.5V Drive Pch MOSFET
RZR040P01 ROHM-RZR040P01 Datasheet
223Kb / 5P
   1.5V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com