Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-E12UW Datasheet(PDF) 3 Page - Rohm

Part # SML-E12UW
Description  SML-E1 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-E12UW Datasheet(HTML) 3 Page - Rohm

  SML-E12UW Datasheet HTML 1Page - Rohm SML-E12UW Datasheet HTML 2Page - Rohm SML-E12UW Datasheet HTML 3Page - Rohm SML-E12UW Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML-E1 Series
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Mini-mold
Chip LEDs
1608
0.36
SML-E12V8W
SML-E12U8W
SML-E12UW
Rank Reference of Brightness
Red (V, U)
(Ta=25˚C, IF=20mA)
Orange (D)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Mini-mold
Chip LEDs
1608
0.36
SML-E12DW
SML-E12D8W
Yellow (Y)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Mini-mold
Chip LEDs
1608
0.36
SML-E12Y8W
Green (M, P)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3
6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63
63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1800
Mini-mold
Chip LEDs
1608
0.36
SML-E12P8W
SML-E12M8W
Blue (B)
(Ta=25˚C, IF=5mA)
※Measurement tolerance ± 10%.
Part No. Explanation
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
S M L
E 1 2 M
T
P
T 8 6
Special Code will be applied for
Emitting color B/E series.
Series name
Package name
Element Type
Emitting Color
Resin Color
Taping Specifications
V
U
2
3
High Brightness Type
D
Y
M
P
B
T
Type Transparent Colorless
W
MilkyWhite
Red:630nm
Red:620nm
Orange:605nm
Yellow:587(590)nm
Yellowish-Green:572nm
Green:560nm
E
Bluish-Green:527nm
Blue:470nm
T86
T87
Cathode at sprocket hole side
Reverse of T86
∗ “−” will be taken out for emitting color
B/E series.
∗ Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
Rank sign (Brightness Rank)∗
Package
size
(mm)
Luminous
Intensity
(mcd)
Height(mm)
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
3.6 to 5.6 5.6 to 9.0
9 to 14
14 to 22
22 to 36
36 to 56
56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900 900 to 1400 1400 to 2200 2200 to 3600
Mini-mold
Chip LEDs
1608
0.36
SMLE12BC7T
SMLE13BC8T
Bluish-Green (E)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
3.6 to 5.6 5.6 to 9.0 9.0 to 14 14 to 22
22 to 36
36 to 56
56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900 900 to 1400 1400 to 2200 2200 to 3600
Mini-mold
Chip LEDs
1608
0.36
SMLE12EC6T
SMLE13EC8T
(Ta=25˚C, IF=5mA)
3/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.12 - Rev.C


Similar Part No. - SML-E12UW

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-E12UW ROHM-SML-E12UW Datasheet
34Kb / 1P
   Surface Mount Chip LEDs
SML-E12UW ROHM-SML-E12UW Datasheet
1Mb / 4P
   EXCELEDTM series
SML-E12UW ROHM-SML-E12UW Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
SML-E12UW ROHM-SML-E12UW Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-E12UW ROHM-SML-E12UW Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com