Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1246AD100R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1246AD100R2G
Description  Fixed Frequency Current Mode Controller for Flyback Converters
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1246AD100R2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1246AD100R2G Datasheet HTML 1Page - ON Semiconductor NCP1246AD100R2G Datasheet HTML 2Page - ON Semiconductor NCP1246AD100R2G Datasheet HTML 3Page - ON Semiconductor NCP1246AD100R2G Datasheet HTML 4Page - ON Semiconductor NCP1246AD100R2G Datasheet HTML 5Page - ON Semiconductor NCP1246AD100R2G Datasheet HTML 6Page - ON Semiconductor NCP1246AD100R2G Datasheet HTML 7Page - ON Semiconductor NCP1246AD100R2G Datasheet HTML 8Page - ON Semiconductor NCP1246AD100R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
NCP1246
http://onsemi.com
2
TYPICAL APPLICATION EXAMPLE
Figure 1. Flyback Converter Application Using the NCP1246
PIN FUNCTION DESCRIPTION
Pin No
Pin Name
Function
Pin Description
1
LATCH
Latch−Off Input
Pull the pin up or down to latch−off the controller. An internal current source
allows the direct connection of an NTC for over temperature detection.
2
FB
Feedback + Shutdown pin
An optocoupler collector to ground controls the output regulation. The part
goes to the low consumption Off mode if the FB input pin is pulled to GND.
3
CS
Current Sense
This Input senses the Primary Current for current−mode operation, and
offers an overpower compensation adjustment.
4
GND
The controller ground
5
DRV
Drive output
Drives external MOSFET
6
VCC
VCC input
This supply pin accepts up to 28 Vdc, with overvoltage detection. The pin is
connected to an external auxiliary voltage. It is not allowed to connect
another circuit to this pin to keep low input power consumption.
8
HV
High−voltage pin
Connects to the rectified AC line to perform the functions of Start−up
Current Source, Self−Supply, brown−out detection and X2 capacitor
discharge function and the HV sensing for the overpower protection
purposes. It is not allowed to connect this pin to DC voltage.


Similar Part No. - NCP1246AD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246AD100R2G ONSEMI-NCP1246AD100R2G Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
NCP1246AD100R2G ONSEMI-NCP1246AD100R2G Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results

Similar Description - NCP1246AD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
NCP12401 ONSEMI-NCP12401 Datasheet
4Mb / 44P
   Fixed Frequency Current Mode Controller for Flyback Converters
July, 2020 ??Rev. 1
NCP12400 ONSEMI-NCP12400_V01 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP1246 ONSEMI-NCP1246_12 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com