Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-JW31-NUV01 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-JW31-NUV01
Description  3W Mini Power LED Light Source Small footprint and low profi le
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-JW31-NUV01 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASMT-JW31-NUV01 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-JW31-NUV01 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-JW31-NUV01 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-JW31-NUV01 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-JW31-NUV01 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-JW31-NUV01 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-JW31-NUV01 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASMT-JW31-NUV01 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ASMT-JW31-NUV01 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
0
100
200
300
400
500
600
700
800
0
20
40
60
80
100
120
140
METAL SLUG TEMPERATURE, TMS - °C
R J-MS = 9°C/W
0
100
200
300
400
500
600
700
800
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE, TA - °C
R J-A = 20°C/W
R J-A = 25°C/W
R J-A = 30°C/W
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
220.0
240.0
-50
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE,TJ - °C
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
-50
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE,TJ - °C
AMBER
RED
RED-ORANGE
DEEP RED
AMBER
RED
RED ORANGE
DEEP RED
Figure 8. Relative Light Output vs. Junction Temperature.
Figure 9. Forward Voltage Shift vs. Junction Temperature.
Figure 10. Maximum Forward Current vs. Ambient Temperature.
Derated based on TJMAX = 125°C, RJ-A = 20°C/W, 25°C/W and 30°C/W.
Figure 11. Maximum Forward Current vs. Ambient Temperature.
Derated based on TJMAX = 125°C, RJ-MS = 9°C/W.


Similar Part No. - ASMT-JW31-NUV01

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-JW32-NUV01 AVAGO-ASMT-JW32-NUV01 Datasheet
229Kb / 6P
   Product Obsolescence Notification
ASMT-JW32-NVVK1 AVAGO-ASMT-JW32-NVVK1 Datasheet
229Kb / 6P
   Product Obsolescence Notification
logo
Broadcom Corporation.
ASMT-JW32-NWY01 BOARDCOM-ASMT-JW32-NWY01 Datasheet
1Mb / 14P
   3W Mini Power LED Light Source
ASMT-JW32-NWYJ1 BOARDCOM-ASMT-JW32-NWYJ1 Datasheet
1Mb / 14P
   3W Mini Power LED Light Source
ASMT-JW33-NVW01 BOARDCOM-ASMT-JW33-NVW01 Datasheet
1Mb / 13P
   3W Mini Power LED Light Source
More results

Similar Description - ASMT-JW31-NUV01

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-JX33 BOARDCOM-ASMT-JX33 Datasheet
1Mb / 13P
   3W Mini Power LED Light Source
ASMT-JX32 BOARDCOM-ASMT-JX32 Datasheet
1Mb / 14P
   3W Mini Power LED Light Source
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX20 AVAGO-ASMT-MX20 Datasheet
173Kb / 7P
   3W Power LED Light Source
logo
Visual Communications C...
LPCM VCC-LPCM Datasheet
1Mb / 1P
   Low Profi le, Panel Flush Light Pipe
logo
Hirose Electric
H.FL75 HIROSE-H.FL75 Datasheet
437Kb / 6P
   75 廓 Small Coaxial Connectors (SMT Low Profi le)
logo
Broadcom Corporation.
ASMT-MX22 BOARDCOM-ASMT-MX22 Datasheet
1Mb / 14P
   Moonstone짰 3W High Brightness Power LED Light Source
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Bourns Electronic Solut...
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com