Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5701LZ Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5701LZ
Description  Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5701LZ Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5701LZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701LZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701LZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701LZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701LZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701LZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701LZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701LZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701LZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Table 8. Transceiver Timing Characteristics
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Hardware TX_DISABLE Assert Time
t_off
10
μs
Note 1
Hardware TX_DISABLE Negate Time
t_on
1
ms
Note 2
Time to initialize, including reset of TX_FAULT
t_init
300
ms
Note 3
Hardware TX_FAULT Assert Time
t_fault
100
μs
Note 4
Hardware TX_DISABLE to Reset
t_reset
10
μs
Note 5
Hardware RX_LOS Assert Time
t_loss_on
100
μs
Note 6
Hardware RX_LOS De-Assert Time
t_loss_off
100
μs
Note 7
Software TX_DISABLE Assert Time
t_off_soft
100
ms
Note 8
Software TX_DISABLE Negate Time
t_on_soft
100
ms
Note 9
Software Tx_FAULT Assert Time
t_fault_soft
100
ms
Note 10
Software Rx_LOS Assert Time
t_loss_on_soft
100
ms
Note 11
Software Rx_LOS De-Assert Time
t_loss_off_soft
100
ms
Note 12
Analog parameter data ready
t_data
1000
ms
Note 13
Serial bus hardware ready
t_serial
300
ms
Note 14
Write Cycle Time
t_write
10
ms
Note 15
Serial ID Clock Rate
f_serial_clock
400
kHz
Notes:
1. Time from rising edge of TX_DISABLE to when the optical output falls below 10% of nominal.
2. Time from falling edge of TX_DISABLE to when the modulated optical output rises above 90% of nominal.
3. Time from power on or falling edge of Tx_Disable to when the modulated optical output rises above 90% of nominal.
4. From power on or negation of TX_FAULT using TX_DISABLE.
5. Time TX_DISABLE must be held high to reset the laser fault shutdown circuitry.
6. Time from loss of optical signal to Rx_LOS Assertion.
7. Time from valid optical signal to Rx_LOS De-Assertion.
8. Time from two-wire interface assertion of TX_DISABLE (A2h, byte 110, bit 6) to when the optical output falls below 10% of nominal. Measured
from falling clock edge after stop bit of write transaction.
9. Time from two-wire interface de-assertion of TX_DISABLE (A2h, byte 110, bit 6) to when the modulated optical output rises above 90% of
nominal.
10. Time from fault to two-wire interface TX_FAULT (A2h, byte 110, bit 2) asserted.
11. Time for two-wire interface assertion of Rx_LOS (A2h, byte 110, bit 1) from loss of optical signal.
12. Time for two-wire interface de-assertion of Rx_LOS (A2h, byte 110, bit 1) from presence of valid optical signal.
13. From power on to data ready bit asserted (A2h, byte 110, bit 0). Data ready indicates analog monitoring circuitry is functional.
14. Time from power on until module is ready for data transmission over the serial bus (reads or writes over A0h and A2h).
15. Time from stop bit to completion of a 1-8 byte write command.
Table 9. Transceiver Digital Diagnostic Monitor (Real Time Sense) Characteristics
Parameter
Symbol
Min
Units
Notes
Transceiver Internal Temperature Accuracy
TINT
± 3.0
°C
Valid from TC = -40 °C to +85 °C
Transceiver Internal Supply Voltage Accuracy
VINT
± 0.1
V
Valid over VCC = 3.3 V ± 5%
Transmitter Laser DC Bias Current Accuracy
IINT
± 10
%
Percentage of nominal bias value
Transmitted Average Optical Output Power Accuracy
PT
± 3.0
dB
Valid from 100
W to 500W, avg
Received Average Optical Input Power Accuracy
PR
± 3.0
dB
Valid from 10
W to 500W avg


Similar Part No. - AFCT-5701LZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5701LZ AVAGO-AFCT-5701LZ Datasheet
254Kb / 20P
   Optical Transceivers with Optional DMI for Gigabit Ethernet
AFCT-5701LZ AVAGO-AFCT-5701LZ Datasheet
254Kb / 20P
   Optical Transceivers with Optional DMI for Gigabit Ethernet Fibre Channel
More results

Similar Description - AFCT-5701LZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5760Z AVAGO-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Broadcom Corporation.
AFCT-5760Z BOARDCOM-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-5765ANPZ AVAGO-AFCT-5765ANPZ Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI Part of the Avago Technologies METRAK Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com