Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-30116-TR1G Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-30116-TR1G
Description  150MHz ??1GHz 1/2 Watt High Linearity Amplifier Standard QFN 3X3 package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-30116-TR1G Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-30116-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-30116-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-30116-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-30116-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-30116-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-30116-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-30116-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-30116-TR1G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-30116-TR1G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
S-Parameter (Vdd = 5V, Vctrl = 5V, T=25°C, unmatched 50 ohm)
freq (GHz)
S11 (dB)
S11 (ang)
S21 (dB)S21 (ang)
S12 (dB)S12 (ang)
S22 (dB)S22 (ang)
0.1
0.819
-66.87
36.25
135.3
0.01439
56.48
0.351
-106.5
0.2
0.6424
-106.1
23.96
113.3
0.02695
48.02
0.4369
-140.2
0.3
0.5681
-130.9
17.2
101.3
0.03032
42.92
0.4617
-155.3
0.4
0.5316
-147
13.32
92.88
0.03406
41.9
0.4729
-164.7
0.5
0.5116
-159.1
10.8
86.62
0.03866
42.74
0.4766
-171.1
0.6
0.5009
-168.6
9.069
81.19
0.0432
42.68
0.4793
-176.5
0.7
0.4943
-176.6
7.799
76.55
0.04839
41.84
0.4773
179.4
0.8
0.4905
176.6
6.861
72.06
0.0529
41.61
0.4778
175.7
0.9
0.4873
170.4
6.112
68.09
0.0576
40.96
0.476
172
1
0.4857
164.9
5.514
64.13
0.06263
39.99
0.4748
169
1.5
0.4835
142.2
3.737
46.16
0.08796
31.73
0.4576
155.1
2
0.4751
123.8
2.85
28.84
0.116
20.17
0.4279
141.7
2.5
0.4638
108.1
2.356
11.91
0.1442
7.589
0.3851
128.2
3
0.4474
93.43
2.038
-5.352
0.1734
-6.182
0.3323
112.6
3.5
0.433
78.93
1.808
-23.21
0.2033
-21.36
0.2701
93.95
4
0.429
64.65
1.624
-41.21
0.2311
-37.08
0.2136
69.63
4.5
0.4433
48.8
1.456
-60.71
0.2561
-54.46
0.1842
35.57
5
0.4797
33.04
1.299
-79.6
0.2706
-71.5
0.1845
-0.1869
5.5
0.5308
17.84
1.145
-98.31
0.2812
-88.72
0.1949
-28.5
6
0.5849
4.304
0.9923
-117
0.28
-105.5
0.1758
-50.71
6.5
0.6311
-6.453
0.8475
-134.2
0.2682
-121.8
0.09589
-63.29
7
0.6711
-15.37
0.6847
-151.2
0.25
-136.4
0.1006
46.42
7.02
0.6718
-15.54
0.6791
-151.4
0.2488
-136.8
0.1055
47.03
7.5
0.702
-22.92
0.5296
-161.9
0.2195
-145.6
0.3269
34.85
8
0.7192
-30.47
0.4375
-163.6
0.2083
-148.2
0.5113
11.84
8.5
0.7036
-38.8
0.4401
-164
0.2316
-150.2
0.5983
-9.504
9
0.6344
-44.46
0.4975
-172.7
0.2788
-159.9
0.5515
-29.89
9.5
0.623
-48.02
0.4827
163.9
0.2918
176.7
0.4055
-20.64
10
0.6313
-59.65
0.3887
164.1
0.2573
176.4
0.5668
-27.29
10.5
0.5825
-75.16
0.445
162.5
0.3127
172.2
0.5751
-46.67
11
0.5164
-91.87
0.5292
151.8
0.3834
161.5
0.5242
-66.71
11.5
0.4614
-109.1
0.6084
136.6
0.4587
145.2
0.4551
-90.35
12
0.4244
-125.4
0.668
119
0.5192
126.1
0.3841
-118.8
12.5
0.4056
-142.1
0.6845
101.1
0.5644
107.3
0.2985
-144.4
13.5
0.385
-156.5
0.7347
84.24
0.6157
90.41
0.3366
-168.2
14
0.3726
-176
0.7055
49.21
0.6262
53.26
0.4046
138
14.5
0.3731
166.5
0.736
33.92
0.6716
36.92
0.3906
113.9
15
0.3205
148.6
0.7673
16.35
0.7162
18.91
0.3296
95.44
15.5
0.2225
132.8
0.8008
-3.142
0.7613
-1.432
0.2269
86.25
16
0.08651
165.7
0.8194
-25.57
0.7898
-24.97
0.1099
119.9
16.5
0.2734
-144.7
0.776
-51.48
0.7658
-52.01
0.2566
174.7
17
0.5265
-164
0.6454
-76.43
0.6397
-78.62
0.5016
168
17.5
0.6917
176.9
0.4937
-95.96
0.5045
-99.26
0.6825
155.3
18
0.778
164.8
0.3822
-108.9
0.3851
-112.5
0.7874
146.4
18.5
0.8257
157.3
0.3054
-118.3
0.316
-122.4
0.8485
140.4
19
0.8475
153.3
0.2549
-124.5
0.261
-128.5
0.8782
137
19.5
0.8593
151.2
0.2233
-128.9
0.2331
-134.3
0.8881
134.9
20
0.8592
150.1
0.2099
-132.6
0.2211
-137.5
0.8915
133.4
Note: Circuit layout refer to Figure 16.


Similar Part No. - MGA-30116-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30116 AVAGO-MGA-30116 Datasheet
1,006Kb / 11P
   3.3GHz 3.9GHz 2 Watt High Linearity Amplifier
logo
Broadcom Corporation.
MGA-30116 BOARDCOM-MGA-30116 Datasheet
311Kb / 17P
   150MHz ??1GHz 쩍 Watt High Linearity Amplifi er
MGA-30116 BOARDCOM-MGA-30116 Datasheet
311Kb / 17P
   150MHz ??1GHz 쩍 Watt High Linearity Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30116 AVAGO-MGA-30116_15 Datasheet
311Kb / 17P
   Watt High Linearity Amplifi er
More results

Similar Description - MGA-30116-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31122-BLKG AVAGO-ALM-31122-BLKG Datasheet
622Kb / 12P
   700MHz - 1GHz 1-Watt High Linearity Amplifier
logo
Broadcom Corporation.
MGA-30116 BOARDCOM-MGA-30116 Datasheet
311Kb / 17P
   150MHz ??1GHz 쩍 Watt High Linearity Amplifi er
DEMO-MGA-30X16B BOARDCOM-DEMO-MGA-30X16B Datasheet
311Kb / 17P
   150MHz ??1GHz 쩍 Watt High Linearity Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31222 AVAGO-ALM-31222_14 Datasheet
363Kb / 13P
   1-Watt High Linearity Amplifier
logo
Broadcom Corporation.
DEMO-ALM-31X22 BOARDCOM-DEMO-ALM-31X22 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31322 AVAGO-ALM-31322_10 Datasheet
235Kb / 12P
   1-Watt High Linearity Amplifier
ALM-32120 AVAGO-ALM-32120_14 Datasheet
741Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32220 AVAGO-ALM-32220_14 Datasheet
719Kb / 11P
   2 Watt High Linearity Amplifier
logo
Broadcom Corporation.
ALM-31122 BOARDCOM-ALM-31122 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31122 AVAGO-ALM-31122_14 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com