Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52RC3JT Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # 52RC3JT
Description  30 mm Heavy Duty, Watertight/Oiltight, Class 52
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

52RC3JT Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  52RC3JT Datasheet HTML 1Page - Siemens Semiconductor Group 52RC3JT Datasheet HTML 2Page - Siemens Semiconductor Group 52RC3JT Datasheet HTML 3Page - Siemens Semiconductor Group 52RC3JT Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10/159
Product Category: PILO
Accessories and spare parts
Pushbutton Units and Indicator Lights
30 mm Heavy Duty, Watertight/Oiltight, Class 52
Siemens Industry, Inc.
Industrial Controls Catalog
Siemens / Industrial Controls
Previous folio: new page
Selection and ordering data
Version
Suitable for
Color
Order no.
List
Price
$
Mushroom head push pull
illuminated plastic
For small 1 3/4” type, push-pull units
red
52RC3JR
green
52RC3JS
amber
52RC3JT
For large 2 1/2” type, push-pull units
red
52RC3KR
green
52RC3KS
amber
52RC3KT
Mushroom head push pull
illuminated metal
Chrome, for small 1 3/4” type, push-pull
units
red
52RB3H2
green
52RB3H3
amber
52RB3H9
white
52RB3HB
BlackMax, for small 1 3/4” type, push-pull
units
red
52RX3H2
green
52RX3H3
amber
52RX3H9
white
52RX3HB
Mushroom head push pull
non-illuminated plastic
For small 1 3/4” type, push-pull units
(catalog numbers starting with 52PP or
52BP)
black
52RC3D1
red
52RC3D2
green
52RC3D3
yellow
52RC3D4
blue
52RC3D5
gray
52RC3D6
orange
52RC3D8
1 of each color
52RC3DN
For large 2 1/2” type, push-pull units
(catalog numbers starting with 52PP or
52BP)
black
52RC3E1
red
52RC3E2
green
52RC3E3
yellow
52RC3E4
blue
52RC3E5
gray
52RC3E6
orange
52RC3E8
1 of each color
52RC3EN
Mushroom head push pull
non-illuminated metal
For small 1 3/4” type, push-pull units
(catalog numbers starting with 52PP or
52BP)
red
52RC3F2
green
52RC3F3
chrome
52RC3FC
Twist to release head
illuminated plastic
For small twist to release units
red
52RC3RR
green
52RC3RS
amber
52RC3RT
Twist to release head
non-illuminated plastic
For small twist to release units
red
52RC3R2
green
52RC3R3
yellow
52RC3R4
Replacement lens kit for
red
52RA6P2
Illuminated selector switches
(Knob with Insert)
green
52RA6P3
blue
52RA6P5
amber
52RA6P9
clear
52RA6PA
white
52RA6PB
Lever inserts
red
52RA2A2
Short lever
green
52RA2A3
yellow
52RA2A4
blue
52RA2A5
gray
52RA2A6
orange
52RA2A8
white
52RA2AB
Long lever
red
52RA2B2
green
52RA2B3
yellow
52RA2B4
blue
52RA2B5
gray
52RA2B6
orange
52RA2B8
white
52RA2BB
For push-pull units whose catalog numbers that start with 52PX, 52PA or 52PE, replacement heads are available.
Order from the 52RB type “Mushroom head pushbutton cap” section on page 10/158.
Revised
03/20/2012


Similar Description - 52RC3JT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MGN2A-AC24 OMRON-MGN2A-AC24 Datasheet
332Kb / 4P
   30 Amp Heavy Duty Relay
logo
Hammond Manufacturing L...
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
   Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
American Zettler, Inc.
AZ900 AZETTLER-AZ900 Datasheet
364Kb / 2P
   30 AMP HEAVY DUTY POWER RELAY
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
   Heavy Duty Flashlight
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
   HEAVY DUTY RELAY
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
   Heavy Duty Clip
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
   Heavy Duty Meter
logo
OEN India Limited
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
   HEAVY DUTY RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com