Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA-4789-BLKG Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADA-4789-BLKG
Description  Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADA-4789-BLKG Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ADA-4789-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
10
15
20
25
30
35
0
1
2
3
4
5
6
Frequency (GHz)
2
3
4
5
6
0
1
2
3
4
5
6
Frequency (GHz)
0
10
20
30
40
50
60
70
80
90
0
1
2
3
4
5
Vd (V)
-40C
25C
85C
14.0
14.5
15.0
15.5
16.0
16.5
17.0
0
20
40
60
80
100
Id (mA)
-40C
25C
85C
0
2
4
6
8
10
12
14
16
18
20
0
0.02
0.04
0.06
0.08
0.1
Id (mA)
-40C
25C
85C
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
Id (mA)
-40C
25C
85C
Figure 7. OIP3 vs Frequency at Id = 60 mA.
Figure 8. NF vs Frequency at Id = 60 mA.
Figure 9. Id vs. Vd and Temperature.
Figure 10. Gain vs. Id and Temperature at 900 MHz.
Figure 11. P1dB vs. Id and Temperature at 900 MHz.
Figure 12. OIP3 vs. Id and Temperature at 900 MHz.


Similar Part No. - ADA-4789-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADA-4789-BLKG BOARDCOM-ADA-4789-BLKG Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
More results

Similar Description - ADA-4789-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADA-4743 HP-ADA-4743 Datasheet
107Kb / 9P
   Silicon Bipolar Darlington Amplifier
ADA-4543 HP-ADA-4543 Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
Broadcom Corporation.
ADA-4789 BOARDCOM-ADA-4789 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
Agilent(Hewlett-Packard...
ADA-4643 HP-ADA-4643 Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789 AVAGO-ADA-4789_15 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
   General small signal amplifier (General small signal amplifier)
logo
Agilent(Hewlett-Packard...
MSA-2743 HP-MSA-2743 Datasheet
204Kb / 17P
   Cascadable Silicon Bipolar Gain Block MMIC Amplifier
logo
OKI electronic componet...
KGF1522 OKI-KGF1522 Datasheet
101Kb / 8P
   Small-Signal Amplifier
KGF1191 OKI-KGF1191 Datasheet
181Kb / 13P
   Small-Signal Amplifier
KGF1531 OKI-KGF1531 Datasheet
114Kb / 8P
   Small-Signal Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com