Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACNV260E Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACNV260E
Description  2mm DTI, 10MBd Digital Optocoupler 13mm creepage and clearance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACNV260E Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACNV260E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACNV260E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACNV260E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACNV260E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACNV260E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACNV260E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACNV260E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACNV260E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACNV260E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
10-Pin Widebody (500mils) DIP Package
10-Pin Widebody (500mils) DIP Package with Gull Wing Surface Mount Option 300
Dimensions in Inches [Millimeters]
[13.71 ± 0.15]
0.540 ± 0.006
[11.01 ± 0.15]
0.433 ± 0.006
[13.01 ± 0.15]
0.512 ± 0.006
[11.01 ± 0.15]
0.433 ± 0.006
[13.06]
0.514
+0.08
-0.05
+0.003
-0.002
[0.25
]
0.010
5° TYP
[1.30]
0.05
TYP
[5.25]
0.207
[1.78 ± 0.15]
0.070 ± 0.006
[2.54]
0.10
TYP
[0.51]
0.020 MIN
[0.48 ± 0.08]
0.019 ± 0.003
Dimension in
Inches [Millimeter]
LAND PATTERN RECOMMENDATION
[13.71 ± 0.15]
0.540 ± 0.006
[11.01 ± 0.15]
0.433 ± 0.006
[16.35 ± 0.15]
0.644 ± 0.006
[1.78 ± 0.15]
0.070 ± 0.006
[0.75 ± 0.15]
0.030 ± 0.006
[1.00 ± 0.15]
0.039 ± 0.006
[14.90 ± 0.15]
0.587 ± 0.006
[13.01 ± 0.15]
0.512 ± 0.006
[2.29 ± 0.15]
0.090 ± 0.006
[1.30 ± 0.15]
0.051 ± 0.006
[1.30]
0.051
TYP
MAX
[5.25]
0.207
NOM
+0.076
-0.051
+0.003
-0.002
[0.254
]
0.010


Similar Part No. - ACNV260E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNV2601 AVAGO-ACNV2601 Datasheet
374Kb / 11P
   High Insulation Voltage 10 MBd Digital Optocoupler
logo
Broadcom Corporation.
ACNV2601 BOARDCOM-ACNV2601 Datasheet
1Mb / 13P
   High Insulation Voltage 10-MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACNV2601-300E AVAGO-ACNV2601-300E Datasheet
374Kb / 11P
   High Insulation Voltage 10 MBd Digital Optocoupler
More results

Similar Description - ACNV260E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
HCTSM100304FL BOURNS-HCTSM100304FL Datasheet
433Kb / 3P
   HCTSM100304FL High Clearance and Creepage Distance Transformer
REV. 05/22
HCTSM150102HL BOURNS-HCTSM150102HL Datasheet
768Kb / 4P
   HCTSM150102HL High Clearance and Creepage Distance Transformer
REV. 07/22
HCTSM8 BOURNS-HCTSM8 Datasheet
786Kb / 5P
   HCTSM8 Series - High Clearance and Creepage Distance Transformers
REV. 05/22
logo
Broadcom Corporation.
ACPL-M61T-000E BOARDCOM-ACPL-M61T-000E Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61T AVAGO-ACPL-M61T Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
logo
Asahi Kasei Microsystem...
CZ-3706 AKM-CZ-3706 Datasheet
916Kb / 16P
   Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
CZ-3700 AKM-CZ-3700 Datasheet
916Kb / 16P
   Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
CZ-3701 AKM-CZ-3701_V01 Datasheet
1Mb / 17P
   Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
2021/11
CZ-3A07 AKM-CZ-3A07 Datasheet
1Mb / 21P
   Clearance/Creepage 8mm 3.3V Output Accurate Coreless Current Sensor
CZ-3AG1 AKM-CZ-3AG1 Datasheet
1Mb / 21P
   Clearance/Creepage 8mm 3V Output Accurate Coreless Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com