Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3RT10171BB41 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # 3RT10171BB41
Description  Controls ??Contactors and Contactor Assemblies
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RT10171BB41 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button 3RT10171BB41 Datasheet HTML 4Page - Siemens Semiconductor Group 3RT10171BB41 Datasheet HTML 5Page - Siemens Semiconductor Group 3RT10171BB41 Datasheet HTML 6Page - Siemens Semiconductor Group 3RT10171BB41 Datasheet HTML 7Page - Siemens Semiconductor Group 3RT10171BB41 Datasheet HTML 8Page - Siemens Semiconductor Group 3RT10171BB41 Datasheet HTML 9Page - Siemens Semiconductor Group 3RT10171BB41 Datasheet HTML 10Page - Siemens Semiconductor Group 3RT10171BB41 Datasheet HTML 11Page - Siemens Semiconductor Group 3RT10171BB41 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
3RT, 3TB, 3TF Contactors for Switching Motors
3RT10 contactors, 3-pole, 3 ... 250 kW
3/8
Siemens LV 1 · 2006
Overview
3RT10 contactors, 3-pole, sizes S00 to S3, up to 45 kW
AC and DC operation
IEC 60947, EN 60947 (VDE 0660)
The 3RT1 contactors are climate-proof. They are finger-safe
according to EN 50274.
The 3RT1 contactors are available with screw terminals or with
Cage Clamp terminals.
Size S00 contactors have an auxiliary contact integrated in the
basic unit. The basic units of sizes S0 to S3 contain only the main
circuits.
All basic units can be extended with auxiliary switch blocks.
For size S0 and higher, complete units with 2 NO + 2 NC are
available (connection designation according to EN 50012). The
auxiliary switch block can be removed (for more information see
LV 1 T).
In addition, complete units with permanently mounted auxiliary
switch block (2 NO + 2 NC according to EN 50012) are offered
for sizes S00 and S0. These versions are built according to
special Swiss regulations "SUVA" and are distinguished
externally by a red identification plate.
The size S3 contactors have removable box terminals for the
main conductor connections. This permits connection of ring
terminal lugs or busbars.
Contact reliability
If voltages
ˆ 110 V and currents ˆ 100 mA are to be switched,
the auxiliary contacts of the 3RT1 contactor or 3RH11 contactor
relay should be used as they guarantee a high level of contact
reliability.
These auxiliary contacts are suitable for electronic circuits with
currents
˜ 1 mA at a voltage of 17 V.
Short circuit protection of the contactors
For more information about short circuit protection of contactors
without overload relay, see Technical Specifications. For more
informaiton about short circuit protection of the contactors with
overload relay, see "Overload Relays". When installing fuseless
motor feeders, the combinations of circuit-breakers and
contactors described under "Fuseless Load Feeders" must be
used.
Motor protection
3RU11 thermal overload relays or 3RB20 solid-state overload
relays can be fitted to the 3RT1 contactors for protection against
overload. The overload relays must be ordered separately.
Overvoltage damping
3RT1 contactors can be retrofitted with RC elements, varistors,
diodes or diode assemblies (assembly of diode and Zener diode
for short tripping times) for supressing opening surges in the
coil.
The surge suppressors are plugged onto the front of size S00
contactors. Space is provided for them next to a snap-on
auxiliary switch block.
For size S0 to S3 contactors, varistors and RC elements can be
snapped on either on the top or directly below the coil
connections. Diode assemblies are available in 2 different
versions on account of their polarity. Depending on the
application they can be connected either only at the bottom
(assembly with circuit-breaker) or only at the top (assembly with
overload relay).
The plug-in direction of the diodes and diode assemblies is
specified by coding.
Exceptions:
3RT19 26-1T.00 and
3RT19 36-1T.00; the plug-in direction is indicated here with "+"
and "-".
Coupling relays are supplied either without overvoltage
damping or with a varistor or diode connected as standard,
according to the version.
Note:
The OFF-delay times of the NO contacts and the ON-delay times
of the NC contacts increase if the contactor coils are damped
against voltage peaks (noise suppression diode 6 to 10 times;
diode assemblies 2 to 6 times, varistor +2 to 5 ms).
3RT10 contactors, 3-pole, sizes S6 to S12,
>45 to 250kW
• 3RT10, contactors for switching motors,
• 3RT12, vacuum contactors for switching motors,
• 3RT14, contactors for AC-1 applications.
Operating mechanism types
Two types of solenoid operation are available:
• Conventional operating mechanism
• Solid-state operating mechanism (with 3 performance levels)
UC operation
The contactors can be operated with AC (40 to 60 Hz) as well as
with DC.
Withdrawable coils
For simple coil replacement, e.g. if the application is replaced,
the magnetic coil can be pulled out upwards after the release
mechanism has been actuated and can be replaced by any
other coil of the same size.
Auxiliary contact complement
The contactors can be fitted with up to 8 auxiliary contacts
(identical auxiliary switch blocks from S0 to S12). Of these, no
more than 4 are permitted to be NC contacts.
3RT10 and 3RT14 contactors:
Auxiliary contacts mounted laterally and on front
3RT12 vacuum contactors:
Auxiliary contacts mounted laterally
Contactors with conventional operating mechanism
Version 3RT1...-.A:
The magnetic coil is switched directly on and off with the control
supply voltage Us by way of terminals A1/A2.
Multi-voltage range for the control supply voltage Us:
A single coil covers several control supply voltages of similar
ranges which are used worldwide, e.g. UC 110-115-120-127 V
or UC 220-230-240 V.
In addition, allowance is also made for a coil operating range of
0.8 times the lower (Us min) and 1.1 times the upper (Us max)
rated control supply voltage within which the contactor switches
reliably and no thermal overloading occurs.


Similar Part No. - 3RT10171BB41

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT10161BB41 SIEMENS-3RT10161BB41 Datasheet
4Mb / 70P
   Controls ??Contactors and Contactor Assemblies
3RT10161BB42 SIEMENS-3RT10161BB42 Datasheet
4Mb / 70P
   Controls ??Contactors and Contactor Assemblies
More results

Similar Description - 3RT10171BB41

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT10161BB42 SIEMENS-3RT10161BB42 Datasheet
4Mb / 70P
   Controls ??Contactors and Contactor Assemblies
3RT10161BB41 SIEMENS-3RT10161BB41 Datasheet
4Mb / 70P
   Controls ??Contactors and Contactor Assemblies
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Littelfuse
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
   Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
logo
MERITEK ELECTRONICS COR...
RD MERITEK-RD Datasheet
130Kb / 2P
   industrial controls and instrumentation
logo
Littelfuse
AF0100 LITTELFUSE-AF0100 Datasheet
347Kb / 1P
   Protection Relays and Controls
logo
List of Unclassifed Man...
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com