Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109P0412J3013 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 109P0412J3013
Description  San Ace 40
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

109P0412J3013 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  109P0412J3013 Datasheet HTML 1Page - Sanyo Semicon Device 109P0412J3013 Datasheet HTML 2Page - Sanyo Semicon Device 109P0412J3013 Datasheet HTML 3Page - Sanyo Semicon Device 109P0412J3013 Datasheet HTML 4Page - Sanyo Semicon Device 109P0412J3013 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
40±0.5
32±0.3
+30
320
0
(10)
28±0.5
4-φ3.5±0.3
リード線
AWG24
UL1007
(4)(4)
回転方向
風吹出方向
取付用穴
Specifications
Model No.
Rated Voltage Operating Voltage Range Rated Current Rated Input
Rated Speed
Air Flow
Static Pressure
SPL
Operating Temperature Life Expectancy
[V][V][A][W][min
-1
[m³/min]
[CFM][Pa][inchH²O][dB(A)][℃]
[h]
109P0405H3013
5
4.5 to 5.5
0.68
3.4
8,700
0.32
11.3
103
0.414
37
10 to 70
40,000
109P0405F3013
0.28
1.4
6,700
0.244
8.6
58.8
0.236
30
60,000
109P0412K3013
12
8 to 13.2
0.55
6.6
15,500
0.59
21.0
340
1.365
50
40,000
109P0412J3013
7 to 13.2
0.35
4.2
12,500
0.46
16.3
210
0.843
44
10 to 60
109P0412G3013
0.31
3.72
11,500
0.42
14.8
179
0.719
42
109P0412B3013
7 to 13.8
0.28
3.36
10,300
0.38
13.4
143
0.574
40
109P0412H3013
0.195
2.34
8,700
0.32
11.3
103
0.414
37
10 to 70
60,000
109P0412F3013
0.105
1.26
6,700
0.244
8.6
58.8
0.236
30
109P0412M3013
10.2 to 13.8
0.045
0.54
4,100
0.15
5.3
21.6
0.087
20
109P0424J3013
24
12 to 26.4
0.18
4.32
12,500
0.46
16.3
210
0.843
44
10 to 60
40,000
109P0424G3013
0.19
4.56
11,500
0.42
14.8
179
0.719
42
109P0424B3013
0.13
3.12
10,300
0.38
13.4
143
0.574
40
109P0424H3013
12 to 27.6
0.095
2.28
8,700
0.32
11.3
103
0.414
37
10 to 70
60,000
109P0424F3013
14 to 27.6
0.055
1.32
6,700
0.244
8.6
58.8
0.236
30
DC Fan
10mm thick, 15mm thick, 20mm thick
28mm thick (GE type)
28mm thick (GV type), 28mm thick
San Ace 40
General Specifications With a pulse sensor Specifications for pulse sensors
Refer to Page 261
Material……………………Frame: Plastics (Flammability: UL94V-0),
Impeller:Plastics (Flammability: UL94V-1)
Life Expectancy …………Varies for each modelL10:Survival rate:90% at 60,
rated voltage, and continuously run in a free air state
Lead Wire …………………
red
black or blue Sensor yellow
Storage Temperature …−30to 70℃(Non-condensing
DimensionsUnit : mm
Rotating Direction
Air Flow Direction
Mounting Hole
Lead Wire
40×40×28mm
Mass52g
40mmsq.
Available in all models.
Please inquire as the availability of these functions depend on the model.
Without Sensor
Pulse Sensor
Lock Sensor
PWM Control


Similar Part No. - 109P0412J3013

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
109P0412B302 SANYO-109P0412B302 Datasheet
87Kb / 3P
   DC Axial Fans
109P0412B702 SANYO-109P0412B702 Datasheet
87Kb / 3P
   DC Axial Fans
109P0412D601 SANYO-109P0412D601 Datasheet
125Kb / 2P
   San Ace 40
109P0412D7D01 SANYO-109P0412D7D01 Datasheet
87Kb / 3P
   DC Axial Fans
109P0412E602 SANYO-109P0412E602 Datasheet
87Kb / 3P
   DC Axial Fans
More results

Similar Description - 109P0412J3013

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
109P0412G601 SANYO-109P0412G601 Datasheet
125Kb / 2P
   San Ace 40
109P0412H901 SANYO-109P0412H901 Datasheet
112Kb / 2P
   San Ace 40
logo
List of Unclassifed Man...
9GE0412P3K03 ETC2-9GE0412P3K03 Datasheet
127Kb / 2P
   DC Fan San Ace 40
logo
SANYO DENKI CO., LTD.
9GA0405P6H001 SANYODENKI-9GA0405P6H001 Datasheet
239Kb / 4P
   San Ace 40 9GA type
109P0405J601 SANYODENKI-109P0405J601 Datasheet
323Kb / 3P
   San Ace 40 9P type
9GV0412K301 SANYODENKI-9GV0412K301 Datasheet
139Kb / 2P
   San Ace 40 9GV type
109P0405H3013 SANYODENKI-109P0405H3013 Datasheet
239Kb / 3P
   San Ace 40 9P type
109P0405H701 SANYODENKI-109P0405H701 Datasheet
170Kb / 3P
   San Ace 40 9P type
logo
List of Unclassifed Man...
9GA0412P7G001 ETC2-9GA0412P7G001 Datasheet
111Kb / 2P
   DC Fan San Ace 40
109P0405H901 ETC2-109P0405H901_14 Datasheet
96Kb / 2P
   DC Fan San Ace 40
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com