Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27425PE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27425PE4
Description  Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27425PE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC27425PE4 Datasheet HTML 2Page - Texas Instruments UCC27425PE4 Datasheet HTML 3Page - Texas Instruments UCC27425PE4 Datasheet HTML 4Page - Texas Instruments UCC27425PE4 Datasheet HTML 5Page - Texas Instruments UCC27425PE4 Datasheet HTML 6Page - Texas Instruments UCC27425PE4 Datasheet HTML 7Page - Texas Instruments UCC27425PE4 Datasheet HTML 8Page - Texas Instruments UCC27425PE4 Datasheet HTML 9Page - Texas Instruments UCC27425PE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
UCC27423, UCC27424, UCC27425
SLUS545D – NOVEMBER 2002 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
General Information
High frequency power supplies often require high-speed, high-current drivers such as the UCC27423/4/5 family.
A leading application is the need to provide a high power buffer stage between the PWM output of the control IC
and the gates of the primary power MOSFET or IGBT switching devices. In other cases, the driver IC is utilized
to drive the power device gates through a drive transformer. Synchronous rectification supplies also have the
need to simultaneously drive multiple devices which can present an extremely large load to the control circuitry.
Driver ICs are utilized when it is not feasible to have the primary PWM regulator IC directly drive the switching
devices for one or more reasons. The PWM IC may not have the brute drive capability required for the intended
switching MOSFET, limiting the switching performance in the application. In other cases there may be a desire to
minimize the effect of high frequency switching noise by placing the high current driver physically close to the
load. Also, newer ICs that target the highest operating frequencies may not incorporate onboard gate drivers at
all. Their PWM outputs are only intended to drive the high impedance input to a driver such as the
UCC27423/4/5. Finally, the control IC may be under thermal stress due to power dissipation, and an external
driver can help by moving the heat from the controller to an external package.
Input Stage
The input thresholds have a 3.3V logic sensitivity over the full range of VDD voltages; yet it is equally compatible
with 0 to VDD signals. The inputs of UCC27423/4/5 family of drivers are designed to withstand 500-mA reverse
current without either damage to the IC for logic upset. The input stage of each driver should be driven by a
signal with a short rise or fall time. This condition is satisfied in typical power supply applications, where the input
signals are provided by a PWM controller or logic gates with fast transition times (<200 ns). The input stages to
the drivers function as a digital gate, and they are not intended for applications where a slow changing input
voltage is used to generate a switching output when the logic threshold of the input section is reached. While this
may not be harmful to the driver, the output of the driver may switch repeatedly at a high frequency.
Users should not attempt to shape the input signals to the driver in an attempt to slow down (or delay) the signal
at the output. If limiting the rise or fall times to the power device is desired, limit the rise or fall times to the power
device, then an external resistance can be added between the output of the driver and the load device, which is
generally a power MOSFET gate. The external resistor may also help remove power dissipation from the devoce
package, as discussed in the section on Thermal Considerations.
Output Stage
Inverting outputs of the UCC27423 and OUTA of the UCC27425 are intended to drive external P-channel
MOSFETs. Noninverting outputs of the UCC27424 and OUTB of the UCC27425 are intended to drive external N-
channel MOSFETs.
Each output stage is capable of supplying ±4A peak current pulses and swings to both VDD and GND. The
pullup/pulldown circuits of the driver are constructed of bipolar and MOSFET transistors in parallel. The peak
output current rating is the combined current from the bipolar and MOSFET transistors. The output resistance is
the RDS(on) of the MOSFET transistor when the voltage on the driver output is less than the saturation voltage of
the bipolar transistor. Each output stage also provides a very low impedance to overshoot and undershoot due to
the body diode of the external MOSFET. This means that in many cases, external-schottky-clamp diodes are not
required.
The UCC27423 family delivers 4A of gate drive where it is most needed during the MOSFET switching
transition – at the Miller plateau region – providing improved efficiency gains. A unique BiPolar and MOSFET
hybrid output stage in parallel also allows efficient current sourcing at low supply voltages.
Source/Sink Capabilities During Miller Plateau
Large power MOSFETs present a large load to the control circuitry. Proper drive is required for efficient, reliable
operation. The UCC27423/4/5 drivers have been optimized to provide maximum drive to a power MOSFET
during the Miller plateau region of the switching transition. This interval occurs while the drain voltage is swinging
between the voltage levels dictated by the power topology, requiring the charging/discharging of the drain-gate
capacitance with current supplied or removed by the driver device. [1]
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: UCC27423 UCC27424 UCC27425


Similar Part No. - UCC27425PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27425PE4 TI1-UCC27425PE4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27425PE4 TI1-UCC27425PE4 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
More results

Similar Description - UCC27425PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com