Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC25702PWG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC25702PWG4
Description  Advanced Voltage Mode Pulse Width Modulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC25702PWG4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC25702PWG4 Datasheet HTML 1Page - Texas Instruments UCC25702PWG4 Datasheet HTML 2Page - Texas Instruments UCC25702PWG4 Datasheet HTML 3Page - Texas Instruments UCC25702PWG4 Datasheet HTML 4Page - Texas Instruments UCC25702PWG4 Datasheet HTML 5Page - Texas Instruments UCC25702PWG4 Datasheet HTML 6Page - Texas Instruments UCC25702PWG4 Datasheet HTML 7Page - Texas Instruments UCC25702PWG4 Datasheet HTML 8Page - Texas Instruments UCC25702PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
UCC15701/2
UCC25701/2
UCC35701/2
ELECTRICAL CHARACTERISTICS:Unless otherwise specified, VDD = 11V, RT = 60.4k, CT = 330pF, CREF =CVDD =
0.1
m F, VFF = 2.0V, and no load on the outputs.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Line Sense
Vth High Line Comparator
3.9
4
4.1
V
Vth Low Line Comparator
0.5
0.6
0.7
V
Input Bias Current
–100
100
nA
Oscillator Section
Frequency
VFF = 0.8V to 3.2V
90
100
110
kHz
Frequency
VFF = 0.6V to 3.4V (Note 1)
90
100
110
kHz
SYNC VIH
2V
SYNC VIL
0.8
V
SYNC Input Current
VSYNC = 2.0V
3
10
mA
RT Voltage
VFF = 0.4V
0.5
0.6
0.7
V
VFF = 0.8V
0.75
0.8
0.85
V
VFF = 2.0V
1.95
2.0
2.05
V
VFF = 3.2V
3.15
3.2
3.25
V
VFF = 3.6V
3.3
3.4
3.5
V
CT Peak Voltage
VFF = 0.8V (Note 1)
0.8
V
VFF = 3.2V (Note 1)
3.2
V
CT Valley Voltage
(Note 1)
0
V
Soft Start/Shutdown/Duty Cycle Control Section
ISS Charging Current
10
18
30
mA
ISS Discharging Current
300
500
750
mA
Saturation
VDD = 11V, IC Off
25
100
mV
Fault Counter Section
Threshold Voltage
VFF = 0.8V to 3.2V
3.8
4
4.2
V
Saturation Voltage
VFF = 0.8V to 3.2V
100
mV
Count Charging Current
10
18
30
mA
Current Limit Section
Input Bias Current
–100
0
100
nA
Current Limit Threshold
180
200
220
mV
Shutdown Threshold
500
600
700
mV
Pulse Width Modulator Section
FB Pin Input Impedance
VFB = 3V
30
50
100
k
W
Minimum Duty Cycle
VFB <= 1V
0
%
Maximum Duty Cycle
VFB >= 4.5V, VSCLAMP >= 2.0V
95
99
100
%
PWM Gain
VFF = 0.8V
35
50
70
%/V
Volt Second Clamp Section
Maximum Duty Cycle
VFF = 0.8V, VSCLAMP = 0.6V
69
74
79
%
Minimum Duty Cycle
VFF = 3.2V, VSCLAMP = 0.6V
17
19
21
%
Output Section
VOH
IOUT = –100mA, (VDD –VOUT)
0.4
1
V
VOL
IOUT = 100mA
0.4
1
V
Rise Time
CLOAD = 1000pF
20
100
ns
Fall Time
CLOAD = 1000pF
20
100
ns
Note 1: Ensured by design. Not 100% tested in production.


Similar Part No. - UCC25702PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25702PWG4 TI1-UCC25702PWG4 Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
More results

Similar Description - UCC25702PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC15701 TI-UCC15701_05 Datasheet
646Kb / 21P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC25702D TI1-UCC25702D Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
logo
Seme LAB
IP1526A SEME-LAB-IP1526A Datasheet
69Kb / 6P
   ADVANCED REGULATING PULSE WIDTH MODULATOR
logo
List of Unclassifed Man...
CM494 ETC-CM494 Datasheet
512Kb / 9P
   ADVANCED REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI-UCC25705 Datasheet
353Kb / 12P
[Old version datasheet]   HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com