Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27423P Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27423P
Description  Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27423P Datasheet(HTML) 5 Page - Texas Instruments

  UCC27423P Datasheet HTML 1Page - Texas Instruments UCC27423P Datasheet HTML 2Page - Texas Instruments UCC27423P Datasheet HTML 3Page - Texas Instruments UCC27423P Datasheet HTML 4Page - Texas Instruments UCC27423P Datasheet HTML 5Page - Texas Instruments UCC27423P Datasheet HTML 6Page - Texas Instruments UCC27423P Datasheet HTML 7Page - Texas Instruments UCC27423P Datasheet HTML 8Page - Texas Instruments UCC27423P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
10%
90%
90%
VIN_H
VIN_L
tD3
tD4
tR
tF
0V
5V
0V
OUTx
VDD
ENBx
UCC27423, UCC27424, UCC27425
www.ti.com
SLUS545D – NOVEMBER 2002 – REVISED MAY 2013
NOTE: The 10% and 90% thresholds depict the dynamics of the BiPolar output devices that dominate the power MOSFET
transition through the Miller regions of operation.
Figure 2. Switching Waveform for Enable to Output
Terminal Functions
TERMINAL
I/O
FUNCTION
NO.
NAME
1
ENBA
I
Enable input for the driver A with logic compatible threshold and hysteresis. The driver output can be enabled and disabled with
this pin. It is internally pulled up to VDD with 100kΩ resistor for active high operation. The output state when the device is
disabled will be low regardless of the input state.
2
INA
I
Input A. Input signal of the A driver which has logic compatible threshold and hysteresis. If not used, this input should be tied to
either VDD or GND. It should not be left floating.(1)
3
GND
Common ground. This ground should be connected very closely to the source of the power MOSFET which the driver is driving.
4
INB
I
Input B. Input signal of the A driver which has logic compatible threshold and hysteresis. If not used, this input should be tied to
either VDD or GND. It should not be left floating.
5
OUTB
O
Driver output B. The output stage is capable of providing 4A drive current to the gate of a power MOSFET.
6
VDD
I
Supply. Supply voltage and the power input connection for this device.
7
OUTA
O
Driver output A. The output stage is capable of providing 4A drive current to the gate of a power MOSFET.
8
ENBB
I
Enable input for the driver B with logic compatible threshold and hysteresis. The driver output can be enabled and disabled with
this pin. It is internally pulled up to VDD with 100kΩ resistor for active high operation. The output state when the device is
disabled will be low regardless of the input state.(1)
(1)
Refer to APPLICATION INFORMATION Section for more details.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC27423 UCC27424 UCC27425


Similar Part No. - UCC27423P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423P TI-UCC27423P Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423P TI1-UCC27423P Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423P TI1-UCC27423P Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423PE4 TI1-UCC27423PE4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
More results

Similar Description - UCC27423P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com