Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79733DCKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79733DCKT
Description  Ultra-Low IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79733DCKT Datasheet(HTML) 1 Page - Texas Instruments

  TPS79733DCKT Datasheet HTML 1Page - Texas Instruments TPS79733DCKT Datasheet HTML 2Page - Texas Instruments TPS79733DCKT Datasheet HTML 3Page - Texas Instruments TPS79733DCKT Datasheet HTML 4Page - Texas Instruments TPS79733DCKT Datasheet HTML 5Page - Texas Instruments TPS79733DCKT Datasheet HTML 6Page - Texas Instruments TPS79733DCKT Datasheet HTML 7Page - Texas Instruments TPS79733DCKT Datasheet HTML 8Page - Texas Instruments TPS79733DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2.00
1.75
1.50
1.25
1.00
0.75
0.50
-40
-15
10
35
Free-AirTemperature( C)
°
60
85
V =4.3V
I
V =3.3V
O
C =1mF
O
I =10mA
O
DCKPACKAGE
(TopView)
1
PG
GND
NC
OUT
IN
5
4
3
2
TPS797xx
www.ti.com
SLVS332H – MARCH 2001 – REVISED APRIL 2012
Ultra-Low IQ, 50mA LDO Linear Regulators with Power Good Output
in SC70 Package
Check for Samples: TPS797xx
1
FEATURES
DESCRIPTION
The TPS797xx family of low-dropout (LDO) voltage
2
50mA Low-Dropout Regulator
regulators offers the benefits of low-dropout voltage
Ultralow 1.2
μA Quiescent Current at 10mA
and ultralow-power operation. The device is stable
5-Pin SC70 (DCK) Package
with
any
capacitor
(> 0.47
μF).
Therefore,
implementations of this device require very little board
Integrated Power Good Output
space
due
to
the
miniaturized
packaging
and
Stable With Any Capacitor (> 0.47
μF)
potentially small output capacitor. In addition, the
Dropout Voltage Typically 105mV at 10mA
family includes an integrated open drain active-high
(TPS79733)
power good (PG) output. Intended for use in
microcontroller-based, battery-powered applications,
Over-Current Limitation
the TPS797xx family low dropout and ultralow-
–40°C to +85°C Operating Junction
powered operation results in a significant increase in
Temperature Range
system battery operating life. The small packaging
minimizes consumption of board space.
APPLICATIONS
The device is enabled when the applied voltage
Battery-Powered Microcontrollers and
exceeds the minimum input voltage. The usual PNP
Microprocessors
pass transistor has been replaced by a PMOS pass
element. Because the PMOS pass element behaves
as a low-value resistor, the dropout voltage is very
low, typically 105mV at 10mA of load current, and is
directly
proportional
to
the
load
current.
The
quiescent current is ultralow (1.2
μA typically) and is
stable over the entire range of output load current
(0mA to 50mA). When properly configured with a pull-
up resistor, the PG output can be used to implement
a power-on reset or low battery indicator.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS79733DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79733 TI-TPS79733 Datasheet
232Kb / 11P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-Q1 TI-TPS79733-Q1 Datasheet
236Kb / 13P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-223 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUPUT
TPS79733-Q1 TI1-TPS79733-Q1 Datasheet
330Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733QDCKRQ1 TI-TPS79733QDCKRQ1 Datasheet
236Kb / 13P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-223 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUPUT
More results

Similar Description - TPS79733DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS797 TI-TPS797 Datasheet
905Kb / 18P
[Old version datasheet]   Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI-TPS79718-Q1_15 Datasheet
318Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOR-323 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718 TI-TPS79718 Datasheet
232Kb / 11P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI1-TPS79718-Q1_16 Datasheet
330Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI-TPS79718-Q1 Datasheet
236Kb / 13P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-223 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUPUT
logo
Rohm
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com