Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73733DCQG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73733DCQG4
Description  1A Low-Dropout Regulator with Reverse Current Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73733DCQG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS73733DCQG4 Datasheet HTML 6Page - Texas Instruments TPS73733DCQG4 Datasheet HTML 7Page - Texas Instruments TPS73733DCQG4 Datasheet HTML 8Page - Texas Instruments TPS73733DCQG4 Datasheet HTML 9Page - Texas Instruments TPS73733DCQG4 Datasheet HTML 10Page - Texas Instruments TPS73733DCQG4 Datasheet HTML 11Page - Texas Instruments TPS73733DCQG4 Datasheet HTML 12Page - Texas Instruments TPS73733DCQG4 Datasheet HTML 13Page - Texas Instruments TPS73733DCQG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
1
0.1
0.01
-50
-25
0
25
50
75
100
125
Temperature (°C)
6
5
4
3
2
1
0
-1
-2
50ms/div
V
IN
V
OUT
100 s/div
m
1V/div
1V/div
2V
0V
V
OUT
V
EN
R =20W
L
C
=10 F
m
OUT
R =20W
L
C
=1 F
m
OUT
100 s/div
m
1V/div
1V/div
V
OUT
V
EN
R =20W
L
C
=10 F
m
OUT
2V
0V
R =20W
L
C
=1 F
m
OUT
10 s/div
m
200mV/div
V
OUT
I
OUT
C
=10nF
NR
C
=10 F
OUT
m
10mA
1A
10 s/div
m
100mV/div
V
OUT
V
IN
C
=10nF
NR
C
=10 F
OUT
m
4.3V
5.3V
TPS737xx
SBVS067O – JANUARY 2006 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at TJ = +25°C, VIN = VOUT(nom) + 1.0V, IOUT = 10mA, VEN = 2.2V, and COUT = 2.2μF, unless otherwise
noted.
TPS73733
TPS73733
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 21.
Figure 22.
TPS73701
TPS73701
TURN-ON RESPONSE
TURN-OFF RESPONSE
Figure 23.
Figure 24.
TPS73701, VOUT = 3.3V
POWER-UP/POWER-DOWN
IENABLE vs TEMPERATURE
Figure 25.
Figure 26.
10
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated


Similar Part No. - TPS73733DCQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73733DCQG4 TI-TPS73733DCQG4 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73733DCQG4 TI-TPS73733DCQG4 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73733DCQG4 TI1-TPS73733DCQG4 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73733DCQG4 TI-TPS73733DCQG4 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS73733DCQG4 TI1-TPS73733DCQG4 Datasheet
3Mb / 49P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
More results

Similar Description - TPS73733DCQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com