Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27200 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC27200
Description  120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27200 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC27200_12 Datasheet HTML 6Page - Texas Instruments UCC27200_12 Datasheet HTML 7Page - Texas Instruments UCC27200_12 Datasheet HTML 8Page - Texas Instruments UCC27200_12 Datasheet HTML 9Page - Texas Instruments UCC27200_12 Datasheet HTML 10Page - Texas Instruments UCC27200_12 Datasheet HTML 11Page - Texas Instruments UCC27200_12 Datasheet HTML 12Page - Texas Instruments UCC27200_12 Datasheet HTML 13Page - Texas Instruments UCC27200_12 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
0
4
6
10
V
LO, VHO - Output Voltage - V
0
1.5
2.0
3.5
8
12
0.5
1.0
2.5
3.0
V
DD = VHB = 12 V
Pull-Down Current
Pull-Up Current
2
-50
-25
0
75
125
150
T
A - Temperature -
o
C
0
7
25
50
100
1
2
3
4
5
6
V
DD = VHB = 12 V
UCC27200TMON
UCC27200TMOFF
UCC27201TMOFF
UCC27201TMON
0
4
12
20
V
DD, VHB - Supply Voltage - V
0
300
400
700
8
16
100
200
500
600
I
DD
I
HB
Inputs Low
T = 25oC
0.5
0.6
0.9
Diode Voltage - V
0.001
0.01
0.1
1.0
10.0
100.0
0.7
0.8
UCC27200, UCC27201
SLUS746B – DECEMBER 2006 – REVISED NOVEMBER 2008 ....................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
DELAY MATCHING
OUTPUT CURRENT
vs
vs
TEMPERATURE
OUTPUT VOLTAGE
Figure 17.
Figure 18.
DIODE CURRENT
QUIESCENT CURRENT
vs
vs
DIODE VOLTAGE
SUPPLY VOLTAGE
Figure 19.
Figure 20.
10
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): UCC27200 UCC27201


Similar Part No. - UCC27200_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200 TI1-UCC27200_15 Datasheet
1Mb / 37P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_16 Datasheet
1Mb / 37P
[Old version datasheet]   120V Boot, 3A Peak, High Frequency, High-Side and Low-Side Driver
More results

Similar Description - UCC27200_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200_07 Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_15 Datasheet
1Mb / 37P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1 Datasheet
701Kb / 29P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com