Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65124RGTRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65124RGTRG4
Description  SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65124RGTRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65124RGTRG4 Datasheet HTML 1Page - Texas Instruments TPS65124RGTRG4 Datasheet HTML 2Page - Texas Instruments TPS65124RGTRG4 Datasheet HTML 3Page - Texas Instruments TPS65124RGTRG4 Datasheet HTML 4Page - Texas Instruments TPS65124RGTRG4 Datasheet HTML 5Page - Texas Instruments TPS65124RGTRG4 Datasheet HTML 6Page - Texas Instruments TPS65124RGTRG4 Datasheet HTML 7Page - Texas Instruments TPS65124RGTRG4 Datasheet HTML 8Page - Texas Instruments TPS65124RGTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS65120, TPS65121, TPS65123, TPS65124
SLVS531A – JUNE 2004 – REVISED MARCH 2005
V
IN = 3.6 V, EN = RUN = VIN, L = 10 µH, TA = -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CONVERTER STAGE
RL_MAIN≥ 330 Ω at VMAIN = 5 V,
RL_VGH≥ 12 kΩ at VGH = 12 V,
Input voltage for full load operation
2.7
5.5
V
RL_VGL≥ 12 kΩ at VGL = -12 V,
VLDOIN= GND, TA = -40°C to 85°C
VIN
RL_MAIN≥ 660 Ω at VMAIN = 5 V,
RL_VGH≥ 24 kΩ at VGH = 12 V,
Minimum input voltage for start-up
2.5
V
RL_VGL≥ 24 kΩ at VGL = -12 V,
VLDOIN= GND, TA = -20°C to 85°C
RL_MAIN = 250 Ω at VMAIN = 5 V
f
Switching frequency
4.0
MHz
VLDOIN= ENVGH = ENVGL = GND
VIN≥ 2.7 V
35
PGH
Output power on VGH
mW
VIN≥ 2.5 V
15
VIN≥ 2.7 V
35
PGL
Output power on VGL
mW
VIN≥ 2.5 V
15
VIN≥ 2.5 V
60
VIN≥ 2.7 V
120
Total output power on
PTOT
mW
VBOOT + VGH + VGL
VIN≥ 3 V
150
VIN≥ 4.5 V
250
VMAIN = 5.0 V, IBOOT = 20 mA,
η
Power efficiency
VGH = 15 V, VGL = -10 V,
83%
IGH = IGL = 100 µA, VLDOIN = GND
ILIM
P-MOS1 current limit
2.7 V
≤ V
IN≤ 5.5 V
150
200
mA
ISTART-UP
P-MOS1 start-up current limit
2.7 V
≤ V
IN≤ 5.5 V
65
mA
VIN = VGS = 3.6 V
2.5
4.3
P-MOS1 switch on-resistance
VIN = VGS = 2.5 V
3.8
6.9
VBOOT = VGS = 3.7 V
1.9
3.5
rDS(ON)
N-MOS1 switch on-resistance
VBOOT = VGS = 5 V
1.4
2.3
P-MOS1 leakage current
0.01
VDS = 6 V, TA = 25°C
µA
N-MOS1 leakage current
0.01
VGS = VBOOT = 5.5 V, VSWP = 2 V,
N-MOS2 + P-MOS2 forward voltage drop
400
600
mV
IBOOT = ID = 50 mA
VGS = VBOOT = 5.5 V, VSWP = 2 V,
N-MOS3 + D1 forward voltage drop
900
1100
mV
IGH = ID = 50 mA
CONVERTER SUPPLY CURRENT
Quiescent current into VIN
IMAIN = IGH = IGL = 0 mA,
140
170
VGH = +15 V, VGL = -15 V,
Quiescent current into BOOT
30
60
VMAIN = 5 V, VFBH = VFBM = +1.5 V,
IQ
µA
VFBL = -0.2 V, VBOOT = 5.25 V,
Quiescent current into VGH
0.1
1
VLDOIN = GND, EN = RUN = VIN,
TA = 25°C
ISD
Shutdown current
TA = 25°C
0.1
1
µA
3


Similar Part No. - TPS65124RGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65124RGT TI-TPS65124RGT Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
More results

Similar Description - TPS65124RGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65120 TI-TPS65120 Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com