Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73701DRBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73701DRBT
Description  1A Low-Dropout Regulator with Reverse Current Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73701DRBT Datasheet(HTML) 1 Page - Texas Instruments

  TPS73701DRBT Datasheet HTML 1Page - Texas Instruments TPS73701DRBT Datasheet HTML 2Page - Texas Instruments TPS73701DRBT Datasheet HTML 3Page - Texas Instruments TPS73701DRBT Datasheet HTML 4Page - Texas Instruments TPS73701DRBT Datasheet HTML 5Page - Texas Instruments TPS73701DRBT Datasheet HTML 6Page - Texas Instruments TPS73701DRBT Datasheet HTML 7Page - Texas Instruments TPS73701DRBT Datasheet HTML 8Page - Texas Instruments TPS73701DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TypicalApplicationCircuit
TPS737xx
GND
EN
FB
IN
OUT
V
IN
V
OUT
Optional
1.0 F
m
OFF
ON
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
DRB PACKAGE
3mm x 3mm SON
(TOP VIEW)
DCQ PACKAGE
SOT223
(TOP VIEW)
1
2
3
4
5
IN
OUT
GND
NR/FB
EN
TAB IS GND
6
IN
N/C
EN
6
5
4
OUT
NR/FB
GND
1
2
3
DRV PACKAGE(1)
2mm x 2mm SON
(TOP VIEW)
TPS737xx
www.ti.com
SBVS067O – JANUARY 2006 – REVISED JUNE 2012
1A Low-Dropout Regulator
with Reverse Current Protection
1
FEATURES
DESCRIPTION
The TPS737xx family of linear low-dropout (LDO)
2
Stable with 1.0
μF or Larger Ceramic Output
voltage regulators uses an NMOS pass element in a
Capacitor
voltage-follower
configuration.
This
topology
is
Input Voltage Range: 2.2V to 5.5V
relatively insensitive to output capacitor value and
Ultra-Low Dropout Voltage: 130mV typ at 1A
ESR, allowing a wide variety of load configurations.
Load transient response is excellent, even with a
Excellent Load Transient Response—Even
small 1.0
μF ceramic output capacitor. The NMOS
With Only 1.0
μF Output Capacitor
topology also allows very low dropout.
NMOS Topology Delivers Low Reverse
The TPS737xx family uses an advanced BiCMOS
Leakage Current
process to yield high precision while delivering very
1.0% Initial Accuracy
low dropout voltages and low ground pin current.
3% Overall Accuracy Over Line, Load, and
Current consumption, when not enabled, is under
Temperature
20nA and ideal for portable applications. These
devices are protected by thermal shutdown and
Less Than 20nA typical IQ in Shutdown Mode
foldback current limit.
Thermal Shutdown and Current Limit for Fault
Protection
Available in Multiple Output Voltage Versions
Adjustable Output: 1.20V to 5.5V
Custom Outputs Available Using Factory
Package-Level Programming
APPLICATIONS
Point of Load Regulation for DSPs, FPGAs,
ASICs, and Microprocessors
Post-Regulation for Switching Supplies
Portable/Battery-Powered Equipment
(1)
Power
dissipation
may
limit
operating
range. Check Thermal Information table.
space
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS73701DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73701DRBT TI-TPS73701DRBT Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DRBT TI-TPS73701DRBT Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DRBT TI1-TPS73701DRBT Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73701DRBT TI-TPS73701DRBT Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS73701DRBT TI1-TPS73701DRBT Datasheet
3Mb / 49P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
More results

Similar Description - TPS73701DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com