Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61006DGSR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61006DGSR
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61006DGSR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61006DGSR Datasheet HTML 7Page - Texas Instruments TPS61006DGSR Datasheet HTML 8Page - Texas Instruments TPS61006DGSR Datasheet HTML 9Page - Texas Instruments TPS61006DGSR Datasheet HTML 10Page - Texas Instruments TPS61006DGSR Datasheet HTML 11Page - Texas Instruments TPS61006DGSR Datasheet HTML 12Page - Texas Instruments TPS61006DGSR Datasheet HTML 13Page - Texas Instruments TPS61006DGSR Datasheet HTML 14Page - Texas Instruments TPS61006DGSR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
1.60
1.80
2.00
2
2.40
2.60
2.80
3
3.20
3.40
3.60
1
10
100
1000
VI = 1.2 V
3.3 V
2.5 V
1.8 V
TPS61002/3/6
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
Figure 7
Figure 8
1.60
1.80
2
2.20
2.40
2.60
2.80
3
3.20
3.40
3.60
0.1
1
10
100
1000
VO = 3.3 V
TPS61007
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
VO = 2.5 V
VO = 1.8 V
VI = 1.2 V
Figure 9
0
5
10
15
20
25
30
35
40
45
0.80
1.30
1.80
2.30
2.80
3.30
3.80
TA = 85°C
TA = 25°C
TA = –40°C
NO-LOAD SUPPLY CURRENT
vs
INPUT VOLTAGE
VI – Input Voltage – V
Figure 10
0
200
400
600
800
1000
1200
1400
1600
1800
0.80
1.30
1.80
2.30
2.80
3.30
3.80
SHUTDOWN CURRENT
vs
INPUT VOLTAGE
VI – Input Voltage – V
TA = 85°C
TA = 25°C
TA = –40°C


Similar Part No. - TPS61006DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61006DGS TI-TPS61006DGS Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61006DGS TI-TPS61006DGS Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61006DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Monolithic Power System...
MP5410 MPS-MP5410 Datasheet
458Kb / 12P
   Low Start-up Voltage Boost Converter with Four SPDT Switches
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Linear Technology
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com