Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61002DGSRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS61002DGSRG4
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61002DGSRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61002DGSRG4 Datasheet HTML 5Page - Texas Instruments TPS61002DGSRG4 Datasheet HTML 6Page - Texas Instruments TPS61002DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS61002DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS61002DGSRG4 Datasheet HTML 9Page - Texas Instruments TPS61002DGSRG4 Datasheet HTML 10Page - Texas Instruments TPS61002DGSRG4 Datasheet HTML 11Page - Texas Instruments TPS61002DGSRG4 Datasheet HTML 12Page - Texas Instruments TPS61002DGSRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Output Current
2, 3
η
Efficiency
vs Inductor Type
4
η
Efficiency
vs Input Voltage
5
IO
Maximum Output Current
vs Input Voltage
6
VO
Output Voltage
vs Output Current
7
VO
TPS61007 Output Voltage
vs Output Current
8
IQ
No-Load Supply Current
vs Input Voltage
9
ISD
Shutdown Current
vs Input Voltage
10
VI
Minimum Start-Up Input Voltage
vs Load Current
11
ILIM
Switch Current Limit
vs Output Voltage
12
Output Voltage Ripple Amplitude
13
Output Voltage Ripple Amplitude
14
Load Transient Response
15
Line Transient Response
16
Start-Up Timing
17
Figure 2
50
40
20
0
110
80
90
EFFICIENCY
vs
OUTPUT CURRENT
100
100
70
60
30
10
VO = 3.3 V
VO = 1.5 V
VI = 1.2 V
IO – Output Current – mA
1000
Figure 3
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
VO = 3.3 V
VO = 2.8 V
VI = 2.4 V
EFFICIENCY
vs
OUTPUT CURRENT
IO – Output Current – mA


Similar Part No. - TPS61002DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61002DGS TI-TPS61002DGS Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61002DGS TI-TPS61002DGS Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61002DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Monolithic Power System...
MP5410 MPS-MP5410 Datasheet
458Kb / 12P
   Low Start-up Voltage Boost Converter with Four SPDT Switches
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Linear Technology
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com