Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60110PWPRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60110PWPRG4
Description  REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60110PWPRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS60110PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 9Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 10Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 11Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TPS60110
REGULATED 5V 300mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS215C − JUNE 1999 − REVISED AUGUST 2008
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 15
5
4
3
2
0
1
234
56
5.02
5.06
t − Time − ms
LINE TRANSIENT RESPONSE
5.08
78
9
10
5
5.04
V(SKIP) = 0 V
IO = 150 mA
Constant
Frequency
Mode
Figure 16
5
4
3
2
0
1
2345
6
5.02
5.06
t − Time − ms
LINE TRANSIENT RESPONSE
5.08
78
9
10
5
5.04
V(SKIP) = VIN
IO = 150 mA
Pulse-Skip Mode
Figure 17
50
40
20
0
0
2.5
5
60
80
f − Frequency − MHz
FREQUENCY SPECTRUM
CONSTANT FREQUENCY MODE
90
7.5
10
70
30
10
V(SKIP) = 0 V
VIN = 3 V
IO = 150 mA
RBW = 300 Hz
Figure 18
40
20
0
0
2.5
5
60
100
f − Frequency − MHz
FREQUENCY SPECTRUM
PULSE-SKIP MODE
7.5
10
V(SKIP) = VIN
VIN = 3 V
IO = 150 mA
RBW = 300 Hz
80
†TC = 25°C, VCOM = VSYNC = 0 V, CIN = 15 µF, C1F = C2F = 2.2 µF, CO = 33 µF, unless otherwise noted
‡ Test circuit: TPS60110EVM−132


Similar Part No. - TPS60110PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60110PWP TI-TPS60110PWP Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results

Similar Description - TPS60110PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com