Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5102IDBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5102IDBT
Description  DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5102IDBT Datasheet(HTML) 1 Page - Texas Instruments

  TPS5102IDBT Datasheet HTML 1Page - Texas Instruments TPS5102IDBT Datasheet HTML 2Page - Texas Instruments TPS5102IDBT Datasheet HTML 3Page - Texas Instruments TPS5102IDBT Datasheet HTML 4Page - Texas Instruments TPS5102IDBT Datasheet HTML 5Page - Texas Instruments TPS5102IDBT Datasheet HTML 6Page - Texas Instruments TPS5102IDBT Datasheet HTML 7Page - Texas Instruments TPS5102IDBT Datasheet HTML 8Page - Texas Instruments TPS5102IDBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TPS5102
DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
SLVS239 - SEPTEMBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Dual, Step-Down for Notebook System
Power
D 4.5 V to 25 V Input Voltage Range
D Adjustable Output Voltage
D 95% Efficiency Achievable
D PWM/Skip Mode Control Maintains High
Efficiency Under Light Load Conditions
D Fixed-Frequency Operation
D Resistorless Current Protection
D Fixed High-Side Driver Voltage
D Low Quiescent Current (0.6 mA, <1 µA for
Standby)
D Small 30-Pin TSSOP
D EVM Available (TPS5102EVM-135)
description
The TPS5102 is a dual, high efficiency controller designed for notebook system power requirements. Under light
load conditions, high efficiency is maintained as the controller switches from the PWM mode to the lower
frequency Skip mode.
These two operating modes, along with the synchronous-rectifier drivers, dead-time, and very low quiescent
current, allow power to be conserved and the battery life extended, under all load conditions.
The resistor-less current protection and fixed high-side driver voltage simplify the system design and reduce
the external parts count. The wide input voltage range and adjustable output voltages allow flexibility for using
the TPS5102 in notebook power supply applications.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
INV1
FB1
SOFTSTART1
PWM_SKIP
CT
RT
GND
REF
STBY1
STBY2
VCC
COMP
SOFTSTART2
FB2
INV2
LH1
OUT1_u
LL1
OUT1_d
OUTGND1
TRIP1
VCC_CNTP
TRIP2
VREF5
REG5V_IN
OUTGND2
OUT2_d
LL2
OUT2_u
LH2
DBT PACKAGE
(TOP VIEW)
R6
R4
R2
R1
D2
C11
C9
C8
C6
C5
C2
U1
TPS5102DBT
GND
+
C1
C3
C4
C7
C10
D1
R3
R5
R7
5 V
Vo1
L1
Q1
R8
+
C12
Q4
R11
R10
R9
Q3
Q2
L2
Vo2
+
C13


Similar Part No. - TPS5102IDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBT TI-TPS51020DBT Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTG4 TI-TPS51020DBTG4 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTR TI-TPS51020DBTR Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
More results

Similar Description - TPS5102IDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
logo
Richtek Technology Corp...
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com