Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3803G15DCKR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3803G15DCKR
Description  VOLTAGE DETECTOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3803G15DCKR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3803G15DCKR Datasheet HTML 4Page - Texas Instruments TPS3803G15DCKR Datasheet HTML 5Page - Texas Instruments TPS3803G15DCKR Datasheet HTML 6Page - Texas Instruments TPS3803G15DCKR Datasheet HTML 7Page - Texas Instruments TPS3803G15DCKR Datasheet HTML 8Page - Texas Instruments TPS3803G15DCKR Datasheet HTML 9Page - Texas Instruments TPS3803G15DCKR Datasheet HTML 10Page - Texas Instruments TPS3803G15DCKR Datasheet HTML 11Page - Texas Instruments TPS3803G15DCKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TPS3803-01
TPS3803G15
TPS3805H33
SLVS392A − JULY 2001 − REVISED JUNE 2007
www.ti.com
8
TYPICAL CHARACTERISTICS (continued)
Figure 5
2
1.5
1
0.5
0
5
10
15
20
25
30
2.5
3
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
3.5
35
40
45
50
IOL − Low-Level Output Current − mA
85
°C
0
°C
25
°C
−40
°C
VDD = 6 V
V(SENSE) = Low
0
Figure 6
0.7
0.6
0.5
0.4
02
4
6
8
10
12
0.8
0.9
1
14
16
18
20
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
85
°C
0
°C
25
°C
−40
°C
VDD = 6 V
V(SENSE) = Low
0.3
0.2
0.1
0
(Expanded View)
Figure 7
2.75
2.25
2
1.75
−14
−12
−10
−8
−6
−4
−2
3
3.25
TPS3805H33
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
3.5
0
IOH − High-Level Output Current − mA
1.5
2.5
0
°C
25
°C
−40
°C
VDD = 3.3 V
V(SENSE) = High
85
°C
Figure 8
3
2.9
2.8
2.7
−5
−4
−3
−2
−1
0
3.1
3.2
3.3
TPS3805H33
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
2.6
2.5
0
°C
25
°C
−40
°C
VDD = 3.3 V
V(SENSE) = High
85
°C
(Expanded View)


Similar Part No. - TPS3803G15DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3803G15 TI-TPS3803G15 Datasheet
254Kb / 12P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803G15 TI-TPS3803G15 Datasheet
298Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803G15-EP TI-TPS3803G15-EP Datasheet
298Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803G15-EP TI1-TPS3803G15-EP Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803G15-Q1 TI-TPS3803G15-Q1 Datasheet
327Kb / 14P
[Old version datasheet]   VOLTAGE DETECTOR
More results

Similar Description - TPS3803G15DCKR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com