Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPX4250 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPX4250
Description  INTEGRATED PRESSURE SENSOR 20 to 250 kPa (2.9 to 36.3 psi) 0.2 to 4.9 V OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX4250 Datasheet(HTML) 4 Page - Motorola, Inc

  MPX4250 Datasheet HTML 1Page - Motorola, Inc MPX4250 Datasheet HTML 2Page - Motorola, Inc MPX4250 Datasheet HTML 3Page - Motorola, Inc MPX4250 Datasheet HTML 4Page - Motorola, Inc MPX4250 Datasheet HTML 5Page - Motorola, Inc MPX4250 Datasheet HTML 6Page - Motorola, Inc MPX4250 Datasheet HTML 7Page - Motorola, Inc MPX4250 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPX4250 SERIES
4
Motorola Sensor Device Data
ORDERING INFORMATION
The MPX4250A series Turbo MAP silicon pressure sensors are available in the basic element package or with pressure port
fittings that provide mounting ease and barbed hose connections.
Device Type
Options
Case No.
MPX Series Order No.
Marking
Basic Element
Absolute, Element
Case 867–08
MPX4250A
MPX4250A
Absolute, Ported
Case 867B–04
MPX4250AP
MPX4250AP
Ported Elements
Absolute, Stove Pipe Port
Case 867E–03
MPX4250AS
MPX4250A
Absolute, Axial Port
Case 867F–03
MPX4250ASX
MPX4250A
Transfer Function
Nominal Transfer Value: Vout = VS (P x 0.004 – 0.04)
Nominal Transfer Value: +/– (Pressure Error x Temp. Factor x 0.004 x VS)
Nominal Transfer Value: VS = 5.1 V ± 0.25 Vdc
Temperature Error Band
Temp
Multiplier
– 40
3
0 to 85
1
+125
3
Temperature in C
°
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
MPX4250A Series
Temperature
Error
Factor
Pressure Error Band
Pressure in kPa
Pressure
Error (Max)
20 to 250 kPa
± 3.45 (kPa)
9.0
6.0
3.0
–3.0
– 6.0
– 9.0
75 100 125 150 175 200 225
25
50
250
NOTE: The Temperature Multiplier is a linear response from 0
° to –40°C and from 85° to 125°C.


Similar Part No. - MPX4250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
    Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
logo
Freescale Semiconductor...
MPX4250A FREESCALE-MPX4250A Datasheet
258Kb / 12P
   INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
logo
NXP Semiconductors
MPX4250A NXP-MPX4250A Datasheet
548Kb / 16P
   20 to 250 kPa, Manifold absolute pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 8.0-25 July 2017
logo
Freescale Semiconductor...
MPX4250AP FREESCALE-MPX4250AP Datasheet
258Kb / 12P
   INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
logo
NXP Semiconductors
MPX4250AP NXP-MPX4250AP Datasheet
548Kb / 16P
   20 to 250 kPa, Manifold absolute pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 8.0-25 July 2017
More results

Similar Description - MPX4250

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4250A FREESCALE-MPX4250A Datasheet
258Kb / 12P
   INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
logo
Motorola, Inc
MPX4100 MOTOROLA-MPX4100 Datasheet
135Kb / 8P
   INTEGRATED PRESSURE SENSOR 20 to 105 kPa (2.9 to 15.2 psi) 0.3 to 4.9 V Output
MPX4200 MOTOROLA-MPX4200 Datasheet
142Kb / 8P
   INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT
MPX4250D MOTOROLA-MPX4250D Datasheet
148Kb / 8P
   OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
   INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
   INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
logo
Freescale Semiconductor...
MPXHZ6130A FREESCALE-MPXHZ6130A Datasheet
199Kb / 8P
   INTEGRATED PRESSURE SENSOR 15 TO 130 kPa (2.2 TO 18.9 PSI) 0.2 TO 4.8 V OUTPUT
logo
Motorola, Inc
MPX5050 MOTOROLA-MPX5050 Datasheet
189Kb / 10P
   OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 50 kPa (0 to 7.25 psi) 0.2 to 4.7 Volts Output
logo
NXP Semiconductors
FXPS7250A4 NXP-FXPS7250A4_V01 Datasheet
449Kb / 24P
   Analog absolute pressure sensor, 20 kPa to 250 kPa
Rev. 5 - 29 July 2022
FXPS7250D4 NXP-FXPS7250D4_V02 Datasheet
1Mb / 71P
   Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 6.1 - 28 June 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com