Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS1120DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1120DR
Description  DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1120DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS1120DR Datasheet HTML 2Page - Texas Instruments TPS1120DR Datasheet HTML 3Page - Texas Instruments TPS1120DR Datasheet HTML 4Page - Texas Instruments TPS1120DR Datasheet HTML 5Page - Texas Instruments TPS1120DR Datasheet HTML 6Page - Texas Instruments TPS1120DR Datasheet HTML 7Page - Texas Instruments TPS1120DR Datasheet HTML 8Page - Texas Instruments TPS1120DR Datasheet HTML 9Page - Texas Instruments TPS1120DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TPS1120, TPS1120Y
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS080A – MARCH 1994 – REVISED AUGUST 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Drain current
vs Drain-to-source voltage
3
Drain current
vs Gate-to-source voltage
4
Static drain-to-source on-state resistance
vs Drain current
5
Capacitance
vs Drain-to-source voltage
6
Static drain-to-source on-state resistance (normalized)
vs Junction temperature
7
Source-to-drain diode current
vs Source-to-drain voltage
8
Static drain-to-source on-state resistance
vs Gate-to-source voltage
9
Gate-to-source threshold voltage
vs Junction temperature
10
Gate-to-source voltage
vs Gate charge
11
– 5
– 4
– 2
– 1
0
– 3
0
– 1
– 2
– 3– 4– 5– 6
– 7
– 6
DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
– 7
– 8
– 9 – 10
VGS = – 6 V
VDS – Drain-to-Source Voltage – V
VGS = – 8 V
VGS = – 7 V
VGS = – 3 V
VGS = – 4 V
VGS = – 2 V
VGS = – 5 V
TJ = 25°C
Figure 3
Figure 4
0
– 2
– 3
– 5
DRAIN CURRENT
vs
GATE-TO-SOURCE VOLTAGE
– 7
– 1
– 4
– 6
VGS – Gate-to-Source Voltage – V
TJ = 150°C
TJ = 25°C
TJ = – 40°C
VDS = –10 V
0
– 5
– 4
– 2
– 1
– 3
– 7
– 6
† All characteristics data applies for each independent MOSFET incorporated on the TPS1120.


Similar Part No. - TPS1120DR

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TPS1120DRG4 VBSEMI-TPS1120DRG4 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPS1120DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
List of Unclassifed Man...
TD2001Y ETC1-TD2001Y Datasheet
88Kb / 2P
   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4955GM SSC-SSM4955GM Datasheet
521Kb / 5P
   Dual P-channel Enhancement-mode Power MOSFETs
SSM4957 SSC-SSM4957 Datasheet
234Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Dongguan City Niuhang E...
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
   P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM9930M SSC-SSM9930M Datasheet
343Kb / 8P
   DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com