Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS70148PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70148PWPR
Description  Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70148PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS70148PWPR Datasheet HTML 1Page - Texas Instruments TPS70148PWPR Datasheet HTML 2Page - Texas Instruments TPS70148PWPR Datasheet HTML 3Page - Texas Instruments TPS70148PWPR Datasheet HTML 4Page - Texas Instruments TPS70148PWPR Datasheet HTML 5Page - Texas Instruments TPS70148PWPR Datasheet HTML 6Page - Texas Instruments TPS70148PWPR Datasheet HTML 7Page - Texas Instruments TPS70148PWPR Datasheet HTML 8Page - Texas Instruments TPS70148PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
www.ti.com
FEATURES
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PWP PACKAGE
(TOP VIEW)
NC
VIN1
VIN1
MR1
MR2
EN
SEQ
GND
VIN2
VIN2
NC
VOUT1
VOUT1
VSENSE1/FB1
PG1
RESET
VSENSE2/FB2
VOUT2
VOUT2
NC
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
SLVS222D – DECEMBER 1999 – REVISED NOVEMBER 2004
Dual-Output Low-Dropout Voltage Regulators
with Power-Up Sequencing for Split-Voltage DSP Systems
Dual Output Voltages for Split-Supply
TPS701xx family devices are designed to provide a
Applications
complete
power
management
solution
for
the
TMS320™ DSP family, processor power, ASIC,
Selectable Power-Up Sequencing for DSP
FPGA, and digital applications where dual output
Applications
voltage regulators are required. Easy programmability
Output Current Range of 500mA on Regulator
of the sequencing function makes the TPS701xx
1 and 250mA on Regulator 2
family ideal for any TMS320 DSP applications with
Fast Transient Response
power sequencing requirements. Differentiated fea-
tures, such as accuracy, fast transient response, SVS
Voltage Options: 3.3V/2.5V, 3.3V/1.8V,
supervisory circuit, manual reset inputs, and an
3.3V/1.5V, 3.3V/1.2V, and Dual Adjustable
enable function, provide a complete system solution.
Outputs
The TPS701xx family of voltage regulators offers very
Open Drain Power-On Reset with 120ms Delay
low dropout voltage and dual outputs with power-up
Open Drain Power Good for Regulator 1
sequence control, which is designed primarily for
Ultra Low 190µA (typ) Quiescent Current
DSP applications. These devices have extremely low
noise output performance without using any added
1µA Input Current During Standby
filter bypass capacitors and are designed to have a
Low Noise: 65µVRMS Without Bypass
fast transient response and be stable with 10µF low
Capacitor
ESR capacitors.
Quick Output Capacitor Discharge Feature
These devices have fixed 3.3V/2.5V, 3.3V/1.8V,
Two Manual Reset Inputs
3.3V/1.5V, 3.3V/1.2V, and adjustable/adjustable volt-
2% Accuracy Over Load and Temperature
age options. Regulator 1 can support up to 500mA,
and regulator 2 can support up to 250mA. Separate
Undervoltage Lockout (UVLO) Feature
voltage inputs allow the designer to configure the
20-Pin PowerPAD™ TSSOP Package
source power.
Thermal Shutdown Protection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD, TMS320 are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS70148PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70148PWPR TI1-TPS70148PWPR Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70148PWPR TI-TPS70148PWPR Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
TPS70148PWPRG4 TI1-TPS70148PWPRG4 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70148PWPRG4 TI-TPS70148PWPRG4 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results

Similar Description - TPS70148PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358M TI1-TPS70358M Datasheet
837Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com