Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C356ANMT Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS370C356ANMT
Description  8-BIT MICROCONTROLLER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C356ANMT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS370C356ANMT Datasheet HTML 2Page - Texas Instruments TMS370C356ANMT Datasheet HTML 3Page - Texas Instruments TMS370C356ANMT Datasheet HTML 4Page - Texas Instruments TMS370C356ANMT Datasheet HTML 5Page - Texas Instruments TMS370C356ANMT Datasheet HTML 6Page - Texas Instruments TMS370C356ANMT Datasheet HTML 7Page - Texas Instruments TMS370C356ANMT Datasheet HTML 8Page - Texas Instruments TMS370C356ANMT Datasheet HTML 9Page - Texas Instruments TMS370C356ANMT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
TMS370Cx5x
8-BIT MICROCONTROLLER
SPNS010F – DECEMBER 1986 – REVISED FEBRUARY 1997
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
description (continued)
The suffix letter (A or B) appended to the device names shown in the device column of Table 2 indicates the
configuration of the device. ROM or an EPROM devices have different configurations as indicated in Table 3.
ROM devices with the suffix letter A are configured through a programmable contact during manufacture.
Table 3. Suffix Letter Configuration
DEVICE†
WATCHDOG TIMER
CLOCK
LOW-POWER MODE
EPROM A
Standard
Divide-by-4 (Standard oscillator)
Enabled
EPROM B
Hard
Divide-by-1 (PLL)
Enabled
Standard
ROM A
Hard
Divide-by-4 or Divide-by-1 (PLL)
Enabled or disabled
Simple
ROM-less A
Standard
Divide-by-4
Enabled
† Refer to the “device numbering conventions” section for device nomenclature and the “device part numbers” section for ordering.
Unless otherwise noted, the terms TMS370Cx50, TMS370Cx52, TMS370Cx53, TMS370Cx56, TMS370Cx58,
TMS370Cx59, and SE370C75x refer to the individual devices listed in Table 2 and described in this data sheet.
All TMS370Cx5x devices contain the following on-chip peripheral modules:
D Eight-channel, 8-bit analog-to-digital converter 1 (ADC1)
D Serial communications interface 1 (SCI1)
D Serial peripheral interface (SPI)
D One 24-bit general-purpose watchdog timer
D Two 16-bit general-purpose timers (one with an 8-bit prescaler)
TMS370C756, TMS370C758, and TMS370C759 are one-time programmable (OTP) devices that are available
in plastic packages. This microcomputer is effective to use for immediate production updates for other members
of the TMS370Cx5x family or for low-volume production runs when the mask charge or cycle time for low-cost
mask ROM devices is not practical.
The SE370C756, SE370C758, and SE370C759 have windowed ceramic packages to allow reprogramming of
the program EPROM memory during the development / prototyping phase of design. The SE370C75x devices
allow quick updates to breadboards and prototype systems while iterating initial designs.
The TMS370Cx5x family provides two low-power modes (STANDBY and HALT) for applications where
low-power consumption is critical. Both modes stop all central processing unit (CPU) activity (that is, no
instructions are executed). In the STANDBY mode, the internal oscillator and the general-purpose timer remain
active. In the HALT mode, all device activity is stopped. The device retains all RAM data and peripheral
configuration bits throughout both low-power modes.
The TMS370Cx5x features advanced register-to-register architecture that allows direct arithmetic and logical
operations without requiring an accumulator (for example, ADD R24, R47; add the contents of register 24 to
the contents of register 47 and store the result in register 47). The TMS370Cx5x family is fully
instruction-set-compatible, allowing easy transition between members of the TMS370 8-bit microcontroller
family.
The SPI and the two operational modes of the SCI1 give three methods of serial communications. The SCI1
allows standard RS-232-C communications interface between other common data transmission equipment,
while the SPI gives high-speed communications between simpler shift-register type devices, such as display
drivers, ADC1 converter, phase-locked loop (PLL), I/O expansion, or other microcontrollers in the system.


Similar Part No. - TMS370C356ANMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C356A TI-TMS370C356A Datasheet
1Mb / 77P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C356A TI1-TMS370C356A Datasheet
1Mb / 75P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C356AYYZ TI-TMS370C356AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C356ANMT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com