Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC6B595DWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6B595DWR
Description  POWER LOGIC 8-BIT SHIFT REGISTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6B595DWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC6B595DWR Datasheet HTML 2Page - Texas Instruments TPIC6B595DWR Datasheet HTML 3Page - Texas Instruments TPIC6B595DWR Datasheet HTML 4Page - Texas Instruments TPIC6B595DWR Datasheet HTML 5Page - Texas Instruments TPIC6B595DWR Datasheet HTML 6Page - Texas Instruments TPIC6B595DWR Datasheet HTML 7Page - Texas Instruments TPIC6B595DWR Datasheet HTML 8Page - Texas Instruments TPIC6B595DWR Datasheet HTML 9Page - Texas Instruments TPIC6B595DWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TPIC6B595
POWER LOGIC 8BIT SHIFT REGISTER
SLIS032A − JULY 1995 − REVISED MAY 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
4 −7,
14 −17
TEST CIRCUIT
SWITCHING TIMES
G
5 V
50%
24 V
0.5 V
90%
10%
tPLH
tr
50%
90%
10%
tPHL
tf
SRCK
5 V
50%
SER IN
5 V
50%
50%
tsu
th
tw
INPUT SETUP AND HOLD WAVEFORMS
5 V
24 V
VCC
DRAIN
SRCLR
SER IN
RL = 235 Ω
CL = 30 pF
(see Note B)
G
Output
SRCK
RCK
DUT
GND
Output
Word
Generator
(see Note A)
10, 11, 19
8
13
3
12
9
0 V
0 V
0 V
ID
2
NOTES: A. The word generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, tw = 300 ns, pulsed repetition rate (PRR) = 5 kHz,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 2. Test Circuit, Switching Times, and Voltage Waveforms
0.1 A
IF
0
IRM
25% of IRM
ta
trr
di/dt = 20 A/
µs
+
2500
µF
250 V
L = 1 mH
IF
(see Note A)
RG
VGG
(see Note B)
Driver
TP A
50
Circuit
Under
Test
DRAIN
25 V
t1
t3
t2
TP K
TEST CIRCUIT
CURRENT WAVEFORM
NOTES: A. The DRAIN terminal under test is connected to the TP K test point. All other terminals are connected together and connected to the
TP A test point.
B. The VGG amplitude and RG are adjusted for di/dt = 20 A/µs. A VGG double-pulse train is used to set IF = 0.1 A, where t1 = 10 µs,
t2 = 7 µs, and t3 = 3 µs.
Figure 3. Reverse-Recovery-Current Test Circuit and Waveforms of Source-to-Drain Diode


Similar Part No. - TPIC6B595DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6B595DWR TI1-TPIC6B595DWR Datasheet
1Mb / 26P
[Old version datasheet]   Power Logic 8-Bit Shift Register
TPIC6B595DWRG4 TI1-TPIC6B595DWRG4 Datasheet
1Mb / 26P
[Old version datasheet]   Power Logic 8-Bit Shift Register
More results

Similar Description - TPIC6B595DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com