Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM8168CCYGH Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8168CCYGH
Description  TMS320DM816x DaVinci Video Processors
Download  327 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8168CCYGH Datasheet(HTML) 3 Page - Texas Instruments

  TMS320DM8168CCYGH Datasheet HTML 1Page - Texas Instruments TMS320DM8168CCYGH Datasheet HTML 2Page - Texas Instruments TMS320DM8168CCYGH Datasheet HTML 3Page - Texas Instruments TMS320DM8168CCYGH Datasheet HTML 4Page - Texas Instruments TMS320DM8168CCYGH Datasheet HTML 5Page - Texas Instruments TMS320DM8168CCYGH Datasheet HTML 6Page - Texas Instruments TMS320DM8168CCYGH Datasheet HTML 7Page - Texas Instruments TMS320DM8168CCYGH Datasheet HTML 8Page - Texas Instruments TMS320DM8168CCYGH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 327 page
background image
TMS320DM8168, TMS320DM8167
TMS320DM8166, TMS320DM8165
www.ti.com
SPRS614D – MARCH 2011 – REVISED JANUARY 2013
1.2
Applications
Video Encode, Decode, Transcode, and Transrate
Video Security
Video Conferencing
Video Infrastructure
Media Server
Digital Signage
1.3
Description
The DM816x DaVinci™ Video Processors are a highly-integrated, programmable platform that leverages
TI's DaVinci™ technology to meet the processing needs of the following applications: Video Encode,
Decode, Transcode, and Transrate, Video Security, Video Conferencing, Video Infrastructure, Media
Server, and Digital Signage.
The device enables OEMs and ODMs to quickly bring to market devices featuring robust operating
systems support, rich user interfaces, and high processing performance through the maximum flexibility of
a fully integrated mixed processor solution. The device combines programmable video and audio
processing with a highly-integrated peripheral set.
Key to the device are up to three high-definition video and imaging coprocessors (HDVICP2). Each
coprocessor can perform a single 1080p60 H.264 encode or decode or multiple lower resolution or frame
rate encodes and decodes. Multichannel HD-to-HD or HD-to-SD transcoding along with multi-coding are
also possible. With the ability to simultaneously process 1080p60 streams, the TMS320DM816x device is
a powerful solution for today's demanding HD video application requirements.
Programmability is provided by an ARM® Cortex™-A8 RISC CPU with NEON™ extension, TI C674x VLIW
floating-point DSP core, and high-definition video and imaging coprocessors. The ARM® allows
developers to keep control functions separate from ausio and video algorithms programmed on the DSP
and coprocessors, thus reducing the complexity of the system software. The ARM® Cortex™-A8 32-bit
RISC processor with NEON™ floating-point extension includes: 32K bytes (KB) of instruction cache; 32KB
of data cache; 256KB of L2 cache; 48KB of Public ROM and 64KB of RAM.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections in this document and
the associated peripheral reference guides. The peripheral set includes: HD Video Processing Subsystem
(HDVPSS), which provides output of simultaneous HD and SD analog video and dual HD video inputs; up
to two Gigabit Ethernet MACs (10 Mbps,100, Mbps, 1000 Mbps) with GMII and MDIO interface; two USB
ports with integrated 2.0 PHY; PCIe® port x2 lanes GEN2 compliant interface, which allows the device to
act as a PCIe® root complex or device endpoint; one 6-channel McASP audio serial port (with DIT mode);
two dual-channel McASP audio serial ports (with DIT mode); one McBSP multichannel buffered serial port;
three UARTs with IrDA and CIR support; SPI serial interface; SD and SDIO serial interface; two I2C
master and slave interfaces; up to 64 General-Purpose IO (GPIO); seven 32-bit timers; system watchdog
timer; dual DDR2 and DDR3 SDRAM interface; flexible 8-bit and 16-bit asynchronous memory interface;
and up to two SATA interfaces for external storage on two disk drives, or more with the use of a port
multiplier.
The device also includes an SGX530 3D graphics engine (available only on the DM8168 and DM8166
device) to enable sophisticated GUIs and compelling user interfaces and interactions. Additionally, it has a
complete set of development tools for both the ARM and DSP which include C compilers, a DSP
assembly optimizer to simplify programming and scheduling, and a Microsoft ® Windows® debugger
interface for visibility into source code execution.
Copyright © 2011–2013, Texas Instruments Incorporated
Device Summary
3
Submit Documentation Feedback
Product Folder Links: TMS320DM8168 TMS320DM8167 TMS320DM8166 TMS320DM8165


Similar Part No. - TMS320DM8168CCYGH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8168CCYGH TI1-TMS320DM8168CCYGH Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
More results

Similar Description - TMS320DM8168CCYGH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8127 TI1-TMS320DM8127_14 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
9900 TI-9900 Datasheet
5Mb / 104P
[Old version datasheet]   Video Display Processors
NOVEMBER 1982
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com