Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6747BZKB3 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320C6747BZKB3
Description  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
Download  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6747BZKB3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6747BZKB3 Datasheet HTML 2Page - Texas Instruments TMS320C6747BZKB3 Datasheet HTML 3Page - Texas Instruments TMS320C6747BZKB3 Datasheet HTML 4Page - Texas Instruments TMS320C6747BZKB3 Datasheet HTML 5Page - Texas Instruments TMS320C6747BZKB3 Datasheet HTML 6Page - Texas Instruments TMS320C6747BZKB3 Datasheet HTML 7Page - Texas Instruments TMS320C6747BZKB3 Datasheet HTML 8Page - Texas Instruments TMS320C6747BZKB3 Datasheet HTML 9Page - Texas Instruments TMS320C6747BZKB3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
www.ti.com
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the changes made to the SPRS377D device-specific data
manual to make it an SPRS377E revision.
Scope: Applicable updates to the C6747/C6745 Fixed/Floating-Point Digital Signal Processor device
family, specifically relating to the C6747 and C6743 devices, which are all now in the production data (PD)
stage of development have been incorporated.
Silicon Revision 3.0
Digital I/O Buffers Premature Aging
456 MHz Version now PD
Revision History
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Updated/Changed Product Status on the 456-MHz Version device from “Advanced Information (AI)” to
“Production Data (PD)”
Global
Added DSP/BIOS as a Texas Instruments trademark
EMIFB sub-bullets:
Section 1.1
Updated/Changed “16-Bit SDRAM With 256MB Address Space (C6745)” to “16-Bit SDRAM With
Features
128MB Address Space (C6745)”
Section 1.3
Figure 1-1, C6747 Functional Block Diagram and Figure 1-2, C6745 Functional Block Diagram:
Functional Block
Added “Memory Protection” in the System Control Block
Diagram
Table 2-1, Characteristics of the C6745/C6747 Processor:
Section 2.1
Device
Updated/Changed EMIFB "16bit, up to 512 Mb SDRAM” to "16bit, up to 128 MB SDRAM"
Characteristics
Added Silicon Revisions "3.0" and "2.1" to the JTAG BSDL_ID row
Added “Note: Read/Write accesses …” sentence
Table 2-5, C6745 Top Level Memory Map:
Section 2.4
Memory Map
Updated/Changed “0xC000 0000 – 0xCFFF FFFF” “256M” to “0xC000 0000 – 0xC7FF FFFF” “128M”
Summary
EMIFB SDRAM Data
Updated/Changed “0xD000 0000 – 0xDFFF FFFF” to “0xC800 0000 – 0xDFFF FFFF” "BLANK" "- "
(RESERVED) row
Section 2.6.5
Table 2-10, External Memory Interface B (EMIFB) Terminal Functions:
External Memory
Interface B (only
Updated/Changed EMB_SDCKE, C13, EMIFB SDRAM clock TYPE from “I/O” to “O”
SDRAM):
Section 2.6.9
Enhanced
Table 2-14, Enhanced Quadrature Encoder Pulse Module (eQEP) Terminal Functions:
Quadrature Encoder
Updated/Changed eQEP0 MUXED column from “SPIO” to “SPI0”
Pulse Module
(eQEP):
Section 2.6.15
Multichannel Audio
Table 2-20, Multichannel Audio Serial Ports (McASPs) Terminal Functions:
Serial Ports
Updated/Changed the bolding on ZKB (B8) in McASP2 from "AXR0[0]" to "AFSR2"
(McASP0, McASP1,
McASP2)
Section 2.6.16
Table 2-21, Universal Serial Bus (USB) Terminal Functions:
Universal Serial Bus
Modules (USB0,
Updated/Changed the USB0_VDDA12 pin DESCRIPTION column and associated footnote
USB1)
Table 2-26, Reserved and No Connect Terminal Functions:
Section 2.6.21
Updated/Changed the RSV1 TYPE column from “PWR” to “-“
Reserved and No
Updated/Changed RSV2 DESCRIPTION to “… be tied either directly to CVDD or left unconnected [do
Connect
not connect to ground (VSS)]”
Section 3.1
Added “16-bit NAND” sub-bullet to NAND Flash boot
Boot Modes
6
Contents
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747


Similar Part No. - TMS320C6747BZKB3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747BZKB3 TI-TMS320C6747BZKB3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747BZKB3 TI-TMS320C6747BZKB3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747BZKB3 TI1-TMS320C6747BZKB3 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6747BZKB3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747CZKBT3 TI-TMS320C6747CZKBT3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747CZKBD4 TI-TMS320C6747CZKBD4 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6745CPTPA3 TI-TMS320C6745CPTPA3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_16 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6743 TI1-TMS320C6743 Datasheet
1Mb / 153P
[Old version datasheet]   TMS320C6743 Fixed/Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671_16 Datasheet
2Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com