Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV4112CDGNG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV4112CDGNG4
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4112CDGNG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV4112CDGNG4 Datasheet HTML 6Page - Texas Instruments TLV4112CDGNG4 Datasheet HTML 7Page - Texas Instruments TLV4112CDGNG4 Datasheet HTML 8Page - Texas Instruments TLV4112CDGNG4 Datasheet HTML 9Page - Texas Instruments TLV4112CDGNG4 Datasheet HTML 10Page - Texas Instruments TLV4112CDGNG4 Datasheet HTML 11Page - Texas Instruments TLV4112CDGNG4 Datasheet HTML 12Page - Texas Instruments TLV4112CDGNG4 Datasheet HTML 13Page - Texas Instruments TLV4112CDGNG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289E − DECEMBER 1999 − REVISED SEPTEMBER 2006
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
−2
0
2
4
6
8
10
12
14
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
VDD = 5 V
AV = 1
RL = 100 Ω
CL = 10 pF
TA = 25°C
t − TIME −
µs
0
1
2
3
4
0
1
2
3
4
5
VIN
VO
Figure 19
−0.2 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VOLTAGE-FOLLOWER
SMALL-SIGNAL PULSE RESPONSE
VDD = 5 V
AV = 1
RL = 100 Ω
CL = 10 pF
TA = 25°C
VIN = 100 mV
t − TIME −
µs
2.4
2.45
2.5
2.55
2.45
2.5
2.55
2.6
VIN
VO
Figure 20
−1
01
234
567
8
INVERTING LARGE-SIGNAL
PULSE RESPONSE
t − TIME −
µs
0
1
2
3
−1
0
2
3
VDD = 5 V
AV = −1
RL = 100 Ω
CL = 50 pF
TA = 25°C
VIN = 2.5 V
VIN
VO
1
−2
4
5
Figure 21
−1
0123
4567
8
INVERTING LARGE-SIGNAL
PULSE RESPONSE
t − TIME −
µs
0
1
2
3
−1
0
2
3
VDD = 5 V
AV = −1
RL = 100 Ω
CL = 50 pF
TA = 25°C
VIN = 2.5 V
VIN
VO
1
−2
4
5
Figure 22
SMALL-SIGNAL INVERTING
PULSE RESPONSE
t − TIME −
µs
2.42
2.46
2.5
2.42
2.46
2.5
2.54
2.58
VDD = 5 V
AV = −1
RL = 100 Ω
CL = 50 pF
TA = 25°C
VIN = 2.5 V
VIN
VO
2.54
0 0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
Figure 23
CROSSTALK
vs
FREQUENCY
VDD = 3 & 5 V
RL = 100 Ω
All Channels
f − Frequency − Hz
100
1 k
10 k
100 k
10
VIN = 4 VPP
VIN = 2 VPP
−120
−100
−60
−40
−20
0
−80
Figure 24
−160
−140
−120
−100
−80
−60
−40
−20
0
10
100
1 k
10 k
100 k
1 M
10 M
f − Frequency − Hz
SHUTDOWN FORWARD AND
REVERSE ISOLATION
VDD = 3 and 5 V,
RL = 100 Ω,
CL = 50 pF,
AV = 1.
TA = 25°C
VIN = 0.1 VPP
VIN = 2.5 VPP
Figure 25
0
2
4
6
8
10
12
14
16
−40 −25 −10 5
20 35 50 65 80 95 110 125
SHUTDOWN SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VDD = 3 and 5 V
VIN = VDD/2,
No Load


Similar Part No. - TLV4112CDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4112CD TI-TLV4112CD Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV4112CDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com