Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3230SPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR3230SPBF
Description  The IR3230 is a three-phase brushless DC motor controller/driver with many integrated features.
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3230SPBF Datasheet(HTML) 5 Page - International Rectifier

  IR3230SPBF Datasheet HTML 1Page - International Rectifier IR3230SPBF Datasheet HTML 2Page - International Rectifier IR3230SPBF Datasheet HTML 3Page - International Rectifier IR3230SPBF Datasheet HTML 4Page - International Rectifier IR3230SPBF Datasheet HTML 5Page - International Rectifier IR3230SPBF Datasheet HTML 6Page - International Rectifier IR3230SPBF Datasheet HTML 7Page - International Rectifier IR3230SPBF Datasheet HTML 8Page - International Rectifier IR3230SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
IR3230 SPbF
www.irf.com
5
Switching Electrical Characteristics
Vcc=48V, Tj=25°C (unless otherwise specified)
Motor & Regen mode
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
Cpump
Time to charge the pump
capacitor
1.5
5
8
ms
Cpump = 220nF from
EN = hi to (Vcpump-
Vcc) = 5.3v
Tpwr_on_rst
Power on reset time
180
600
1200
µs
Cpump = 6V
Tr1 Hox-Vsx
Rise time high side gate with
Vsx = gndpwr
0.1
0.3
0.5
µs
(Hox-Vsx) load =2.2nF
From 10% to 90%
Tr2 Hox-Vsx
Rise time high side gate with
Vsx = Vcc
0.8
2.5
5
µs
(Hox-Vsx) load =2.2nF
From 10% to 90%
Tf1 Hox-Vsx
Fall time high side gate with
Vsx = Gndpwr
0.05
0.15
0.25
µs
(Hox-Vsx) load =2.2nF
From 90% to 10%
Tf2 Hox-Vsx
Fall time high side gate with
Vsx = Vcc
0.15
0.7
1.4
µs
(Hox-Vsx) load =2.2nF
From 90% to 10%
Td1 MtoR Hox off
Motor to Regen mode High
side turn-off delay time
Vsx = gndpwr
0.1
0.3
0.5
µs
(Hox-Vsx) load =2.2nF
from 50% of Reg/mot
to 90% of (Hox
– Vsx)
Td2 MtoR Hox off
Motor to Regen mode High
side turn-off delay time
Vsx = Vcc
0.8
2.5
5
µs
(Hox-Vsx) load =2.2nF
from 50% of Reg/mot
to 90% of (Hox
– Vsx)
Td1 RtoM Hox on
Regen to Motor mode High
side turn-on delay time
Vsx = gndpwr
0.1
0.3
0.5
µs
(Hox-Vsx) load =2.2nF
from 50% of Reg/mot
to 10% of (Hox
– Vsx)
Td2 RtoM Hox on
Regen to Motor mode High
side turn-on delay time
Vsx = Vcc
0.8
2.5
5
µs
(Hox-Vsx) load =2.2nF
from 50% of Reg/mot
to 10% of (Hox
– Vsx)
Tr Lox
Low side rise time to turn on
0.04
0.1
0.3
µs
Lox load =2.2nF
From 10% to 90%
Tf Lox
Low side fall time to turn off
0.04
0.1
0.3
µs
Lox load =2.2nF
From 90% to 10%
Td MtoR Lox on
Motor to Regen mode low
side turn-on delay time
0.1
0.25
0.5
µs
Lox load =2.2nF
from 50% of Reg/mot
to 10% of Lox
Td RtoM Lox off
Regen to Motor mode low
side turn-off delay time
0.1
0.25
0.5
µs
Lox load =2.2nF
from 50% of Reg/mot
to 10% of Lox


Similar Part No. - IR3230SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3230SPBF IRF-IR3230SPBF Datasheet
451Kb / 22P
   3 PHASE CONTROLLER FOR DC BRUSHLESS MOTOR
More results

Similar Description - IR3230SPBF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4011 INTERSIL-HIP4011 Datasheet
34Kb / 4P
   Three Phase Brushless DC Motor Controller
logo
Hitachi Semiconductor
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
   THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
[Old version datasheet]   Three-Phase Brushless DC Motor Driver
logo
STMicroelectronics
AN4243 STMICROELECTRONICS-AN4243 Datasheet
955Kb / 29P
   The L6230 DMOS driver for three-phase brushless DC motor
logo
Hitachi Semiconductor
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
logo
STMicroelectronics
AN1625 STMICROELECTRONICS-AN1625 Datasheet
1Mb / 39P
   L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
Hitachi Semiconductor
HA13536F HITACHI-HA13536F Datasheet
62Kb / 16P
   Three-Phase Brushless DC Motor Driver IC
logo
Allegro MicroSystems
A4931 ALLEGRO-A4931 Datasheet
245Kb / 9P
   The A4931 is a complete 3-phase brushless DC motor pre-driver.
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com