Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV5616CP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5616CP
Description  2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5616CP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV5616CP Datasheet HTML 7Page - Texas Instruments TLV5616CP Datasheet HTML 8Page - Texas Instruments TLV5616CP Datasheet HTML 9Page - Texas Instruments TLV5616CP Datasheet HTML 10Page - Texas Instruments TLV5616CP Datasheet HTML 11Page - Texas Instruments TLV5616CP Datasheet HTML 12Page - Texas Instruments TLV5616CP Datasheet HTML 13Page - Texas Instruments TLV5616CP Datasheet HTML 14Page - Texas Instruments TLV5616CP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TLV5616C, TLV5616I
2.7V TO 5.5V LOW POWER 12BIT DIGITALTOANALOG
CONVERTERS WITH POWER DOWN
SLAS152D − DECEMBER 1997 − REVISED APRIL 2004
11
WWW.TI.COM
APPLICATION INFORMATION
general function
The TLV5616 is a 12-bit single supply DAC based on a resistor string architecture. The device consists of a serial
interface, speed and power-down control logic, a reference input buffer, a resistor string, and a rail-to-rail output
buffer.
The output voltage (full scale determined by external reference) is given by:
2REF
CODE
2n
[V]
where REF is the reference voltage and CODE is the digital input value within the range of 010 to 2n−1, where
n = 12 (bits). The 16-bit data word, consisting of control bits and the new DAC value, is illustrated in the data
format section. A power-on reset initially resets the internal latches to a defined state (all bits zero).
serial interface
Explanation of data transfer: First, the device has to be enabled with CS set to low. Then, a falling edge of FS
starts shifting the data bit-per-bit (starting with the MSB) to the internal register on the falling edges of SCLK.
After 16 bits have been transferred or FS rises, the content of the shift register is moved to the DAC latch which
updates the voltage output to the new level.
The serial interface of the TLV5616 can be used in two basic modes:
D Four wire (with chip select)
D Three wire (without chip select)
Using chip select (four wire mode), it is possible to have more than one device connected to the serial port of
the data source (DSP or microcontroller). The interface is compatible with the TMS320 family. Figure 15 shows
an example with two TLV5616s connected directly to a TMS320 DSP.
TMS320
DSP
XF0
XF1
FSX
DX
CLKX
TLV5616
CS FS DIN SCLK
TLV5616
CS FS DIN SCLK
Figure 15. TMS320 Interface


Similar Part No. - TLV5616CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5616CP TI-TLV5616CP Datasheet
310Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616CPE4 TI-TLV5616CPE4 Datasheet
310Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results

Similar Description - TLV5616CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5617A TI-TLV5617A_15 Datasheet
822Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5619-EP TI-TLV5619-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C Datasheet
310Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI-TLV5623C Datasheet
242Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623CDG4 TI-TLV5623CDG4 Datasheet
948Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606 Datasheet
443Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI1-TLV5606_16 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com