Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV4110IDGNR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4110IDGNR
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4110IDGNR Datasheet(HTML) 4 Page - Texas Instruments

  TLV4110IDGNR Datasheet HTML 1Page - Texas Instruments TLV4110IDGNR Datasheet HTML 2Page - Texas Instruments TLV4110IDGNR Datasheet HTML 3Page - Texas Instruments TLV4110IDGNR Datasheet HTML 4Page - Texas Instruments TLV4110IDGNR Datasheet HTML 5Page - Texas Instruments TLV4110IDGNR Datasheet HTML 6Page - Texas Instruments TLV4110IDGNR Datasheet HTML 7Page - Texas Instruments TLV4110IDGNR Datasheet HTML 8Page - Texas Instruments TLV4110IDGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289E − DECEMBER 1999 − REVISED SEPTEMBER 2006
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at recommend operating conditions, VDD = 3 V and 5 V (unless otherwise
noted)
dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNITS
VIO
Input offset voltage
VIC = VDD/2,
VO = VDD/2 ,
25
°C
175
3500
V
VIO
Input offset voltage
VIC = VDD/2,
RL = 100 Ω,
VO = VDD/2 ,
RS = 50 Ω
Full range
4000
µV
αVIO
Offset voltage draft
RL = 100 Ω,
RS = 50 Ω
25
°C
3
µV/°C
CMRR
Common-mode rejection ratio
VDD = 3 V,
RS = 50 Ω
VIC = 0 to 2 V,
25
°C
63
dB
CMRR
Common-mode rejection ratio
VDD = 5 V,
RS = 50 Ω
VIC = 0 to 4 V,
25
°C
68
dB
RL=100 Ω
25
°C
78
84
VDD = 3 V,
RL=100 Ω
Full range
67
VDD = 3 V,
VO(PP)=0 to 1V
RL=10 kΩ
25
°C
85
100
AVD
Large-signal differential voltage
VO(PP)=0 to 1V
RL=10 kΩ
Full range
75
dB
AVD
Large-signal differential voltage
amplification
RL=100 Ω
25
°C
88
94
dB
amplification
VDD = 5 V,
RL=100 Ω
Full range
75
VDD = 5 V,
VO(PP)=0 to 3V
RL=10 kΩ
25
°C
90
110
VO(PP)=0 to 3V
RL=10 kΩ
Full range
85
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.
input characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNITS
25
°C
0.3
25
IIO
Input offset current
VIC = VDD/2
TLV411xC
Full range
50
IIO
Input offset current
VIC = VDD/2
TLV411xI
Full range
250
pA
VO = VDD/2,
25
°C
0.3
50
pA
IIB
Input bias current
VO = VDD/2,
RS = 50 Ω
TLV411xC
Full range
100
IIB
Input bias current
RS = 50 Ω
TLV411xI
Full range
500
ri(d)
Differential input resistance
25
°C
1000
G
CIC
Common-mode input capacitance
f = 100 Hz
25
°C
5
pF
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.


Similar Part No. - TLV4110IDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4110IDGN TI-TLV4110IDGN Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV4110IDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com