Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCCA000790 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCCA000790
Description  High Voltage Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCCA000790 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCCA000790 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCCA000790 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCCA000790 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCCA000790 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA000790 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA000790 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA000790 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA000790 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA000790 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HV MLCC
Page <1>
17/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
High Voltage Capacitors
Dimensions Table
Size
Inch (mm)
L
(mm)
W
(mm)
T
(mm) / Symbol
Remark
MB
(mm)
0603 (1608)
1.6 ±0.1
0.8 ±0.1
0.8 ±0.07
S
0.4 ±0.15
1.66
+0.15 / -0.1
0.8 + 0.15 / -0.1
0.8 + 0.15 / -0.1
X
0805 (2012)
2 ±0.15
1.25 ±0.1
0.5 ±0.1
H
0.5 ±0.2
0.6 ±0.1
A
0.8 ±0.1
B
1.25 ±0.1
D
#
2 ±0.2
1.25 ±0.2
0.85 ±0.1
T
1.25 ±0.2
I
#
1206 (3216)
3.2 ±0.15
1.6 ±0.15
0.8 ±0.1
B
0.6 ±0.2
0.95 ±0.1
C
#
1.25 ±0.1
D
1.15 ±0.15
J
3.2 ±0.2
1.6 ±0.2
1.6 ±0.2
G
0.85 ±0.1
T
3.2 + 0.3 / -0.1
1.6 + 0.3 / -0.1
1.6 + 0.3 / -0.1
P
#
1210 (3225)
3.2 ±0.3
2.5 ±0.2
0.95 ±0.1
C
0.75 ±0.25
0.85 ±0.1
T
1.25 ±0.1
D
1.6 ±0.2
G
3.2 ±0.4
2.5 ±0.3
2 ±0.2
K
2.5 ±0.3
M
1812 (4532)
4.5 ±0.4
3.2 ±0.3
1.25 ±0.1
D
0.75 ±0.25
2 ±0.2
K
3.2 ±0.4
2.5 ±0.3
M
2.8 ±0.3
U
# Reflow soldering only is recommended
* For safety certificated products and soft termination product please refer to individual sheet for detail


Similar Part No. - MCCA000790

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA000790

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S3AX103K2 SEMTECH-S3AX103K2 Datasheet
120Kb / 5P
   High Voltage Capacitors
180PF SEMTECH-180PF Datasheet
118Kb / 5P
   High Voltage Capacitors
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
logo
Vishay Siliconix
EPR150-104 VISHAY-EPR150-104 Datasheet
692Kb / 3P
   High Voltage DC Capacitors
Revision: 11-Aug-10
logo
Superworld Electronics
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
logo
List of Unclassifed Man...
DK-6R3D104T ETC2-DK-6R3D104T Datasheet
84Kb / 1P
   High Voltage Tolerance Capacitors
logo
Exxelia Group
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
   High Voltage Chips Capacitors
02/21
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com