Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2231IDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2231IDBVT
Description  Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2231IDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2231IDBVT Datasheet HTML 5Page - Texas Instruments TLV2231IDBVT Datasheet HTML 6Page - Texas Instruments TLV2231IDBVT Datasheet HTML 7Page - Texas Instruments TLV2231IDBVT Datasheet HTML 8Page - Texas Instruments TLV2231IDBVT Datasheet HTML 9Page - Texas Instruments TLV2231IDBVT Datasheet HTML 10Page - Texas Instruments TLV2231IDBVT Datasheet HTML 11Page - Texas Instruments TLV2231IDBVT Datasheet HTML 12Page - Texas Instruments TLV2231IDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TLV2231, TLV2231Y
Advanced LinCMOS
 RAIL-TO-RAIL
LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS158D – JUNE 1996 – REVISED APRIL 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at VDD = 3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLV2231Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V
± ±15 V
V0
V0
750
µV
IIO
Input offset current
VDD ± = ± 1.5 V,
RS =50 Ω
VIC = 0,
VO = 0,
0.5
pA
IIB
Input bias current
RS = 50 Ω
1
pA
– 0.3
VICR
Common-mode input voltage range
|VIO| ≤5 mV,
RS = 50 Ω
to
V
ICR
gg
IO
S
2.2
VOH
High-level output voltage
IOH = – 1 mA
2.87
V
VOL
Low level output voltage
VIC = 1.5 V,
IOL = 50 µA
10
mV
VOL
Low-level output voltage
VIC = 1.5 V,
IOL = 500 µA
100
mV
AVD
Large-signal differential voltage
VO =1Vto2V
RL = 600 Ω†
1.6
V/mV
AVD
gg
g
amplification
VO = 1 V to 2 V
RL = 1 Mن
250
V/mV
rid
Differential input resistance
1012
ric
Common-mode input resistance
1012
cic
Common-mode input capacitance
f = 10 kHz
6
pF
zo
Closed-loop output impedance
f = 1 MHz,
AV = 1
156
CMRR
Common-mode rejection ratio
VIC = 0 to 1.7 V,
VO = 0,
RS = 50 Ω
60
70
dB
kSVR
Supply voltage rejection ratio
VDD =2 7Vto8V
VIC =0
No load
96
dB
kSVR
yg
j
(
∆VDD/∆VIO)
VDD = 2.7 V to 8 V, VIC = 0,
No load
96
dB
IDD
Supply current
VO = 0,
No load
750
µA
† Referenced to 1.5 V
electrical characteristics at VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLV2231Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V
± ±15 V
V0
V0
710
µV
IIO
Input offset current
VDD ± = ± 1.5 V,
RS =50 Ω
VIC = 0,
VO = 0,
0.5
pA
IIB
Input bias current
RS = 50 Ω
1
pA
– 0.3
VICR
Common-mode input voltage range
|VIO| ≤5 mV,
RS = 50 Ω
to
V
ICR
gg
IO
S
4.2
VOH
High-level output voltage
IOH = – 1 mA
4.9
V
VOL
Low level output voltage
VIC = 2.5 V,
IOL = 500 µA
80
mV
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 1 mA
160
mV
AVD
Large-signal differential voltage
VO =1Vto2V
RL = 600 Ω†
15
V/mV
AVD
gg
g
amplification
VO = 1 V to 2 V
RL = 1 Mن
400
V/mV
rid
Differential input resistance
1012
ric
Common-mode input resistance
1012
cic
Common-mode input capacitance
f = 10 kHz
6
pF
zo
Closed-loop output impedance
f = 1 MHz,
AV = 1
138
CMRR
Common-mode rejection ratio
VIC = 0 to 1.7 V,
VO = 0,
RS = 50 Ω
60
70
dB
kSVR
Supply voltage rejection ratio
VDD =2 7Vto8V
VIC =0
No load
96
dB
kSVR
yg
j
(
∆VDD/∆VIO)
VDD = 2.7 V to 8 V, VIC = 0,
No load
96
dB
IDD
Supply current
VO = 0,
No load
850
µA
† Referenced to 2.5 V


Similar Part No. - TLV2231IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2231IDBV TI-TLV2231IDBV Datasheet
585Kb / 27P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2231IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2731IDBVR TI-TLV2731IDBVR Datasheet
818Kb / 31P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC226X TI1-TLC226X_16 Datasheet
2Mb / 73P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC225X TI1-TLC225X_16 Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI1-TLC225X-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com