Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9555101QPA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9555101QPA
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9555101QPA Datasheet(HTML) 10 Page - Texas Instruments

Back Button 5962-9555101QPA Datasheet HTML 6Page - Texas Instruments 5962-9555101QPA Datasheet HTML 7Page - Texas Instruments 5962-9555101QPA Datasheet HTML 8Page - Texas Instruments 5962-9555101QPA Datasheet HTML 9Page - Texas Instruments 5962-9555101QPA Datasheet HTML 10Page - Texas Instruments 5962-9555101QPA Datasheet HTML 11Page - Texas Instruments 5962-9555101QPA Datasheet HTML 12Page - Texas Instruments 5962-9555101QPA Datasheet HTML 13Page - Texas Instruments 5962-9555101QPA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
SLCS115D − DECEMBER 1986 − REVISED JULY 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
4
IIB
Input bias current
vs Free-air temperature
5
CMRR
Common-mode rejection ratio
vs Free-air temperature
6
kSVR
Supply-voltage rejection ratio
vs Free-air temperature
7
V
Lo
le el o tp t oltage
vs Low-level output current
8
VOL
Low-level output voltage
vs Low level out ut current
vs Free-air temperature
8
9
I
Lo
le el o tp t c rrent
vs High-level output voltage
10
IOH
Low-level output current
vs High level out ut voltage
vs Free-air temperature
10
11
I
S ppl c rrent
vs Supply voltage
12
IDD
Supply current
vs Su
ly voltage
vs Free-air temperature
12
13
tPLH
Low-to-high level output propagation delay time
vs Supply voltage
14
tPHL
High-to-low level output propagation delay time
vs Supply voltage
15
Low-to-high-level output response
Low-to-high level output propagation delay time
16
High-to-low level output response
High-to-low level output propagation delay time
17
tf
Fall time
vs Supply voltage
18
Figure 4
VDD = 5 V
VIC = 2.5 V
TA = 25°C
− 5
− 4
− 3
− 2
− 10
1
2
3
4
5
VIO − Input Offset Voltage − mV
DISTRIBUTION OF INPUT
OFFSET VOLTAGE
100
90
80
70
60
50
40
30
20
10
0
Figure 5
TA − Free-Air Temperature − °C
25
50
75
100
125
10
1
0.1
0.01
0.001
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
VDD = 5 V
VIC = 2.5 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Similar Part No. - 5962-9555101QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9555101QPA TI-5962-9555101QPA Datasheet
1Mb / 33P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
More results

Similar Description - 5962-9555101QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3702-EP TI1-TLC3702-EP Datasheet
964Kb / 30P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1_14 Datasheet
388Kb / 21P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC193 TI-TLC193_V01 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC3702-EP TI1-TLC3702-EP_14 Datasheet
964Kb / 31P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1 Datasheet
330Kb / 18P
[Old version datasheet]   DUAL MICROPOWER LinCMOS田?VOLTAGE COMPARATOR
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com