Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCCA000723 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MCCA000723
Description  High Voltage Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCCA000723 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MCCA000723 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA000723 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA000723 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA000723 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA000723 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA000723 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCCA000723 Datasheet HTML 10Page - List of Unclassifed Manufacturers MCCA000723 Datasheet HTML 11Page - List of Unclassifed Manufacturers MCCA000723 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HV MLCC
Page <9>
17/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Part Number Table
Description
Size Inch
(mm)
Dielectric Capacitance Tolerance
Rated
Voltage
(VDC)
Termination Part Number
Capacitor, 1206, X7R, 630 V, 680 pF
1206
(3216)
X7R
680 pF
±10%
630 V
Cu / Ni / Sn
MCCA000762
Capacitor, 1206, X7R, 630 V, 1.5 nF
1.5 nF
MCCA000763
Capacitor, 1206, X7R, 630 V, 3.3 nF
3.3 nF
MCCA000764
Capacitor, 1206, X7R, 630 V, 6.8 nF
6.8 nF
MCCA000765
Capacitor, 1206, X7R, 630 V, 15 nF
15 nF
MCCA000766
Capacitor, 1206, X7R, 630 V, 22 nF
22 nF
MCCA000767
Capacitor, 1206, X7R, 630 V, 33 nF
33 nF
MCCA000768
Capacitor, 1206, X7R, 1,000 V, 150 pF
150 pF
1,000 V
MCCA000769
Capacitor, 1206, X7R, 1,000 V, 220 pF
220 pF
MCCA000770
Capacitor, 1206, X7R, 1,000 V, 330 pF
330 pF
MCCA000771
Capacitor, 1206, X7R, 1,000 V, 470 pF
470 pF
MCCA000772
Capacitor, 1206, X7R, 1,000 V, 680 pF
680 pF
MCCA000773
Capacitor, 1206, X7R, 1,000 V, 1 nF
1 nF
MCCA000774
Capacitor, 1206, X7R, 1,000 V, 1.5 nF
1.5 nF
MCCA000775
Capacitor, 1206, X7R, 1,000 V, 2.2 nF
2.2 nF
MCCA000776
Capacitor, 1206, X7R, 1,000 V, 3.3 nF
3.3 nF
MCCA000777
Capacitor, 1206, X7R, 1,000 V, 4.7 nF
4.7 nF
MCCA000778
Capacitor, 1206, X7R, 1,000 V, 6.8 nF
6.8 nF
MCCA000779
Capacitor, 1206, X7R, 1,000 V, 10 nF
10 nF
MCCA000780
Capacitor, 1206, X7R, 2,000 V, 150 pF
150 pF
2,000 V
MCCA000781
Capacitor, 1206, X7R, 2,000 V, 220 pF
220 pF
MCCA000782
Capacitor, 1206, X7R, 2,000 V, 330 pF
330 pF
MCCA000783
Capacitor, 1206, X7R, 2,000 V, 470 pF
470 pF
MCCA000784
Capacitor, 1206, X7R, 2,000 V, 680 pF
680 pF
MCCA000785
Capacitor, 1206, X7R, 2,000 V, 1 nF
1 nF
MCCA000786
Capacitor, 1210, NP0, 1,000 V, 10 pF
1210
(3225)
NP0
(C0G)
10 pF
±5%
1,000 V
MCCA000787
Capacitor, 1210, NP0, 1,000 V, 15 pF
15 pF
MCCA000788
Capacitor, 1210, NP0, 1,000 V, 22 pF
22 pF
MCCA000789
Capacitor, 1210, NP0, 1,000 V, 33 pF
33 pF
MCCA000790
Capacitor, 1210, NP0, 1,000 V, 47 pF
47 pF
MCCA000791
Capacitor, 1210, NP0, 1,000 V, 68 pF
68 pF
MCCA000792
Capacitor, 1210, NP0, 1,000 V, 100 pF
100 pF
MCCA000793


Similar Part No. - MCCA000723

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA000723

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S3AX103K2 SEMTECH-S3AX103K2 Datasheet
120Kb / 5P
   High Voltage Capacitors
180PF SEMTECH-180PF Datasheet
118Kb / 5P
   High Voltage Capacitors
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
logo
Vishay Siliconix
EPR150-104 VISHAY-EPR150-104 Datasheet
692Kb / 3P
   High Voltage DC Capacitors
Revision: 11-Aug-10
logo
Superworld Electronics
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
logo
List of Unclassifed Man...
DK-6R3D104T ETC2-DK-6R3D104T Datasheet
84Kb / 1P
   High Voltage Tolerance Capacitors
logo
Exxelia Group
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
   High Voltage Chips Capacitors
02/21
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com