Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBTD3384PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBTD3384PW
Description  10-BIT FET BUS SWITCHES WITH LEVEL SHIFTING
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBTD3384PW Datasheet(HTML) 5 Page - Texas Instruments

  SN74CBTD3384PW Datasheet HTML 1Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 2Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 3Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 4Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 5Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 6Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 7Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 8Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN54CBTD3384, SN74CBTD3384
10BIT FET BUS SWITCHES
WITH LEVEL SHIFTING
SCDS025R − MAY 1995 − REVISED JANUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
VCC − Supply Voltage − V
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 85°C
VCC − Supply Voltage − V
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 25°C
6 mA
12 mA
24 mA
VCC − Supply Voltage − V
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 0°C
100
µA
6 mA
12 mA
24 mA
100
µA
6 mA
12 mA
24 mA
4
3.75
3.5
3.25
3
2.75
2.5
2.25
2
1.75
1.5
4
3.75
3.5
3.25
3
2.75
2.5
2.25
2
1.75
1.5
4
3.75
3.5
3.25
3
2.75
2.5
2.25
2
1.75
1.5
4.5
4.75
5
5.25
5.5
5.75
4.5
4.75
5
5.25
5.5
5.75
4.5
4.75
5
5.25
5.5
5.75
100
µA
Figure 2. VOH Values


Similar Part No. - SN74CBTD3384PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTD3384PW TI-SN74CBTD3384PW Datasheet
90Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCHES WITH LEVEL SHIFTING
More results

Similar Description - SN74CBTD3384PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CBTD3384 TI-SN54CBTD3384 Datasheet
90Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCHES WITH LEVEL SHIFTING
SN74CBTD3861 TI-SN74CBTD3861 Datasheet
80Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI1-SN74CBTD3861_15 Datasheet
669Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI-SN74CBTD3861_06 Datasheet
303Kb / 13P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211 TI-SN74CBTD16211 Datasheet
87Kb / 6P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210 TI-SN74CBTD16210 Datasheet
87Kb / 6P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210DGGR TI-SN74CBTD16210DGGR Datasheet
352Kb / 12P
[Old version datasheet]   SN74CBTD16210 20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
logo
NXP Semiconductors
CBTD3861 NXP-CBTD3861 Datasheet
342Kb / 16P
   10-bit level shifting bus switch with output enable
Rev. 1-19 August 2010
74CBTLVD3861 PHILIPS-74CBTLVD3861_15 Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable
Rev. 4-14 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com