Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75160BDWG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75160BDWG4
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75160BDWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75160BDWG4 Datasheet HTML 3Page - Texas Instruments SN75160BDWG4 Datasheet HTML 4Page - Texas Instruments SN75160BDWG4 Datasheet HTML 5Page - Texas Instruments SN75160BDWG4 Datasheet HTML 6Page - Texas Instruments SN75160BDWG4 Datasheet HTML 7Page - Texas Instruments SN75160BDWG4 Datasheet HTML 8Page - Texas Instruments SN75160BDWG4 Datasheet HTML 9Page - Texas Instruments SN75160BDWG4 Datasheet HTML 10Page - Texas Instruments SN75160BDWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SN75160B
OCTAL GENERAL-PURPOSE
INTERFACE BUS TRANSCEIVER
SLLS004B – OCTOBER 1985 – REVISED MAY 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOL
3.5 V
0.8 V
VOH
0 V
3 V
tPHZ
tPLZ
0.5 V
90%
1.5 V
1.0 V
2 V
1.5 V
TE Input
S2 Closed
S1 to GND
B Output
tPZL
S2 Open
tPZH
S1 to 3 V
B Output
TE
S2
S1
B
5 V
PE
D
CL = 30 pF
(see Note B)
480
200
Output
3 V
50
Generator
(see Note A)
VOLTAGE WAVEFORMS
TEST CIRCUIT
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns,
tf ≤ ns, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 3. TE-to-Bus Test Circuit and Voltage Waveforms
0.7 V
1.5 V
90%
TE Input
D Output
D Output
tPZL
1.5 V
tPZH
1.0 V
1.5 V
tPHZ
tPLZ
3 V
0 V
VOH
0 V
4 V
VOL
S2
D
S1
3 V
CL = 15 pF
(see Note B)
3 k
4.3 V
Output
240
VOLTAGE WAVEFORMS
50
TEST CIRCUIT
S1 TO 3 V
S2 Open
S1 TO GND
S2 Closed
B
TE
Generator
(see Note A)
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 4. TE-to-Terminal Test Circuit and Voltage Waveforms


Similar Part No. - SN75160BDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75160BDW TI-SN75160BDW Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results

Similar Description - SN75160BDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS164 TI1-SN75ALS164_14 Datasheet
585Kb / 18P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS162 TI1-SN75ALS162_14 Datasheet
786Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI-SN75ALS163 Datasheet
143Kb / 10P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI-SN75160B Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS165 TI1-SN75ALS165 Datasheet
193Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75164B TI1-SN75164B Datasheet
230Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI1-SN75ALS163_13 Datasheet
245Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com