Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3717AN Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC3717AN
Description  Stepper Motor Drive Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3717AN Datasheet(HTML) 2 Page - Texas Instruments

  UC3717AN Datasheet HTML 1Page - Texas Instruments UC3717AN Datasheet HTML 2Page - Texas Instruments UC3717AN Datasheet HTML 3Page - Texas Instruments UC3717AN Datasheet HTML 4Page - Texas Instruments UC3717AN Datasheet HTML 5Page - Texas Instruments UC3717AN Datasheet HTML 6Page - Texas Instruments UC3717AN Datasheet HTML 7Page - Texas Instruments UC3717AN Datasheet HTML 8Page - Texas Instruments UC3717AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UC3717A
PLCC-20 (TOP VIEW)
Q Package
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
BOUT
2
Timing
3
Vm
4
Gnd
5
N/C
6
Gnd
7
VCC
8
I1
9
Phase
10
N/C
11
I0
12
Current
13
VR
14
Gnd
15
N/C
16
Gnd
17
Vm
18
AOUT
19
Emitters
20
DIL-16 (TOP VIEW)
J or N Package
CONNECTION DIAGRAMS
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Figure 6. Vm = 36V, VCC = 5V, VR = 5V, TA = 0°C to 70°C,
unless otherwise stated, TA = TJ.)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage, Vm (Pins 3, 14)
10
46
V
Logic Supply Voltage, VCC (Pin 6)
4.75
5.25
V
Logic Supply Current, ICC (Pin 6)
IO = I1 = 0
7
15
mA
Thermal Shutdown Temperature
+160
+180
°C
Logic Inputs
Input Low Voltage, (Pins 7, 8, 9)
0.8
V
Input High Voltage, (Pins 7, 8, 9)
2
VCC
V
Low Voltage Input Current, (Pins 7, 8, 9)
VI = 0.4V, Pin 8
-100
µA
VI = 0.4V, Pins 7 and 9
-400
mA
High Voltage Input Current, (Pins 7, 8, 9)
VI = 2.4V
10
µA
Comparators
Comparator Low, Threshold Voltage (Pin 10)
VR = 5V; IO = L; I1 = H
668090
mV
Comparator Medium, Threshold Voltage (Pin 10) VR = 5V; IO = H; I1 = L
236
250
266
mV
Comparator High, Threshold Voltage (Pin 10)
VR = 5V; IO = L; I1 = L
396
420
436
mV
Comparator Input, Current (Pin 10)
±20
µA
Cutoff Time, tOFF
RT = 56k
Ω, CT = 820pF
25
35
µs
Turn Off Delay, tD
(See Figure 5)
2
µs
Source Diode-Transistor Pair
Saturation Voltage, VSAT (Pins 1, 15)
Im = -0.5A,
Conduction Period
1.7
2.1
V
(See Figure 5)
Im = -0.5A,
Recirculation Period
1.1
1.35
V
Saturation Voltage, VSAT (Pins 1, 15)
Im = -1A,
Conduction Period
2.1
2.8
V
(See Figure 5)
Im = -1A,
Recirculation Period
1.7
2.5
V
Leakage Current
Vm = 40V
300
µA
Diode Forward Voltage, VF
Im = -0.5A
1
1.25
V
Im = -1A
1.3
1.7
V
2


Similar Part No. - UC3717AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3717AN TI1-UC3717AN Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717ANE TI-UC3717ANE Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717ANG4 TI1-UC3717ANG4 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
More results

Similar Description - UC3717AN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717A TI1-UC3717A_9 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI-UC1517 Datasheet
402Kb / 8P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com