Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZT2907AT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # PZT2907AT1
Description  PNP Silicon Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZT2907AT1 Datasheet(HTML) 2 Page - ON Semiconductor

  PZT2907AT1_11 Datasheet HTML 1Page - ON Semiconductor PZT2907AT1_11 Datasheet HTML 2Page - ON Semiconductor PZT2907AT1_11 Datasheet HTML 3Page - ON Semiconductor PZT2907AT1_11 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PZT2907AT1, SPZT2907AT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Breakdown Voltage
(IC = −10 mAdc, IE = 0)
V(BR)CBO
−60
Vdc
Collector−Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
−60
Vdc
Emitter−Base Breakdown Voltage
(IE = −10 mAdc, IC = 0)
V(BR)EBO
−5.0
Vdc
Collector−Base Cutoff Current
(VCB = −50 Vdc, IE = 0)
ICBO
−10
nAdc
Collector−Emitter Cutoff Current
(VCE = −30 Vdc, VBE = 0.5 Vdc)
ICEX
−50
nAdc
Base−Emitter Cutoff Current
(VCE = −30 Vdc, VBE = −0.5 Vdc)
IBEX
−50
nAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = −0.1 mAdc, VCE = −10 Vdc)
(IC = −1.0 mAdc, VCE = −10 Vdc)
(IC = −10 mAdc, VCE = −10 Vdc)
(IC = −150 mAdc, VCE = −10 Vdc)
(IC = −500 mAdc, VCE = −10 Vdc)
hFE
75
100
100
100
50
300
Collector-Emitter Saturation Voltages
(IC = −150 mAdc, IB = −15 mAdc)
(IC = − 500 mAdc, IB = −50 mAdc)
VCE(sat)
−0.4
−1.6
Vdc
Base-Emitter Saturation Voltages
(IC = −150 mAdc, IB = −15 mAdc)
(IC = −500 mAdc, IB = −50 mAdc)
VBE(sat)
−1.3
−2.6
Vdc
DYNAMIC CHARACTERISTICS
Current-Gain − Bandwidth Product
(IC = −50 mAdc, VCE = −20 Vdc, f = 100 MHz)
fT
200
MHz
Output Capacitance
(VCB = −10 Vdc, IE = 0, f = 1.0 MHz)
Cc
8.0
pF
Input Capacitance
(VEB = −2.0 Vdc, IC = 0, f = 1.0 MHz)
Ce
30
pF
SWITCHING TIMES
Turn-On Time
(VCC = −30 Vdc, IC = −150 mAdc,
IB1 = −15 mAdc)
ton
45
ns
Delay Time
td
10
Rise Time
tr
40
Turn-Off Time
(VCC = −6.0 Vdc, IC = −150 mAdc,
IB1 = IB2 = −15 mAdc)
toff
100
ns
Storage Time
ts
80
Fall Time
tf
30
2. Pulse Test: Pulse Width  300 ms, Duty Cycle  2.0%.


Similar Part No. - PZT2907AT1_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PZT2907AT1G ONSEMI-PZT2907AT1G Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
August, 2013 ??Rev. 10
More results

Similar Description - PZT2907AT1_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com