Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3005CT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMEG3005CT
Description  500 mA low VF dual MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG3005CT Datasheet(HTML) 4 Page - NXP Semiconductors

  PMEG3005CT Datasheet HTML 1Page - NXP Semiconductors PMEG3005CT Datasheet HTML 2Page - NXP Semiconductors PMEG3005CT Datasheet HTML 3Page - NXP Semiconductors PMEG3005CT Datasheet HTML 4Page - NXP Semiconductors PMEG3005CT Datasheet HTML 5Page - NXP Semiconductors PMEG3005CT Datasheet HTML 6Page - NXP Semiconductors PMEG3005CT Datasheet HTML 7Page - NXP Semiconductors PMEG3005CT Datasheet HTML 8Page - NXP Semiconductors PMEG3005CT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PMEG3005CT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 20 September 2010
4 of 14
NXP Semiconductors
PMEG3005CT
500 mA low VF dual MEGA Schottky barrier rectifier
FR4 PCB, standard footprint
Fig 1.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
FR4 PCB, mounting pad for cathode 1 cm2
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aab533
tp (s)
10−3
102
103
10
1
10−2
10−1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
006aab534
tp (s)
10−3
102
103
10
1
10−2
10−1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0


Similar Part No. - PMEG3005CT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3005CT NEXPERIA-PMEG3005CT Datasheet
453Kb / 15P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 20 September 2010
logo
NXP Semiconductors
PMEG3005CT.215 NXP-PMEG3005CT.215 Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
PMEG3005CT PHILIPS-PMEG3005CT_15 Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
More results

Similar Description - PMEG3005CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005CT PHILIPS-PMEG2005CT_15 Datasheet
353Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
PMEG3005CT.215 NXP-PMEG3005CT.215 Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG3005CT NEXPERIA-PMEG3005CT Datasheet
453Kb / 15P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 20 September 2010
logo
NXP Semiconductors
PMEG3005CT PHILIPS-PMEG3005CT_15 Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG4005CT NEXPERIA-PMEG4005CT Datasheet
255Kb / 12P
   500 mA low VF dual MEGA Schottky barrier rectifier
24 September 2019
logo
NXP Semiconductors
PMEG2005CT NXP-PMEG2005CT Datasheet
353Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
PMEG4005CT NXP-PMEG4005CT Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG2005CT NEXPERIA-PMEG2005CT Datasheet
452Kb / 15P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 22 June 2010
logo
NXP Semiconductors
RB521CS30L NXP-RB521CS30L Datasheet
148Kb / 13P
   100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-24 January 2011
RB520CS30L PHILIPS-RB520CS30L Datasheet
709Kb / 14P
   100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-10 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com