Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1716E Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1716E
Description  24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1716E Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1716E Datasheet HTML 2Page - Texas Instruments PCM1716E Datasheet HTML 3Page - Texas Instruments PCM1716E Datasheet HTML 4Page - Texas Instruments PCM1716E Datasheet HTML 5Page - Texas Instruments PCM1716E Datasheet HTML 6Page - Texas Instruments PCM1716E Datasheet HTML 7Page - Texas Instruments PCM1716E Datasheet HTML 8Page - Texas Instruments PCM1716E Datasheet HTML 9Page - Texas Instruments PCM1716E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
®
6
PCM1716
SYSTEM CLOCK
The system clock for PCM1716 must be either 256fS, 384fS,
512fS or 768fS, where fS is the audio sampling frequency
(typically 32kHz, 44.1kHz, 48kHz, or 96kHz). But 768fS at
96kHz is not accepted.
The system clock can be either a crystal oscillator placed
between XTI (pin 5) and XTO (pin 6), or an external clock
input to XTI. If an external system clock is used, XTO is
open (floating). Figure 1 illustrates the typical system clock
connections.
PCM1716 has a system clock detection circuit which auto-
matically senses if the system clock is operating at 256fS ~
768fS. The system clock should be synchronized with LRCIN
(pin 1) clock. LRCIN (left-right clock) operates at the sam-
pling frequency fS. In the event these clocks are not synchro-
nized, PCM1716 can compensate for the phase difference
internally. If the phase difference between left-right and
system clocks is greater than 6-bit clocks (BCKIN), the
synchronization is performed internally. While the synchro-
nization is processing, the analog output is forced to a DC
level at bipolar zero. The synchronization typically occurs in
less than 1 cycle of LRCIN.
SYSTEM CLOCK FREQUENCY - MHz
SAMPLING RATE FREQUENCY (fS) - LRCIN
256fS
384fS
512fS
768fS
32kHz
8.1920
12.2880
16.3840
24.5760
44.1kHz
11.2896
16.9340
22.5792
33.8688(1)
48kHz
12.2880
18.4320
24.5760
36.8640(1)
96kHz
24.5760
36.8640(1)
49.1520(1)
NOTE: (1) The Internal Crystal oscillator frequency cannot be larger than 24.576MHz.
TABLE I. Typical System Clock Frequency.
Typical input system clock frequencies to the PCM1716 are
shown in Table I, also, external input clock timing require-
ments are shown in Figure 2.
FIGURE 1. System Clock Connection.
FIGURE 2. XTI Clock Timing.
t
SCKH
System Clock Pulse Width High t
SCKIH : 7ns MIN
System Clock Pulse Width Low t
SCKIL : 7ns MIN
t
SCKL
2.0V
0.8V
“H”
“L”
XTI
DATA INTERFACE FORMATS
Digital audio data is interfaced to PCM1716 on pins 1, 2,
and 3, LRCIN (left-right clock), DIN (data input) and
BCKIN (bit clock). PCM1716 can accept both standard, I2S,
and left justified data formats.
Figure 3 illustrates acceptable input data formats. Figure 4
shows required timing specification for digital audio data.
Reset
PCM1716 has both internal power-on reset circuit and the
RST pin (pin 22) which accepts an external forced reset by
RST = LOW. For internal power on reset, initialize (reset) is
done automatically at power on VDD >2.2V (typ). During
internal reset = LOW, the output of the DAC is invalid and
the analog outputs are forced to VCC /2. Figure 5 illustrates
the timing of the internal power on reset.
PCM1716 accepts an external forced reset when RST = L.
When RST = L, the output of the DAC is invalid and the
analog outputs are forced to VCC/2 after internal initialization
(1024 system clocks count after RST = H.) Figure 6 illustrates
the timing of the RST pin.
Zero Out (pin 21)
If the input data is continuously zero for 65536 cycles of
BCK, an internal FET is switched to “ON”. The drain of the
internal FET is the zero-pin, it will enable “wired-or” with
external circuit. This zero detect function is available in both
software mode and hardware mode.
System Clock
(256/384/
512/768f
S)
Externl Clock Input
CLKO
XTI
XTO
4
5
6
PCM1716
System Clock
Buffer Out
Crystal Resonator Oscillation
CLKO
XTI
XTO
4
5
6
PCM1716
XTAL
C
1
C
2
C
1 C2 : 10pF ~ 30pF
Buffer
Not Recommended For New Designs


Similar Part No. - PCM1716E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1716E TI1-PCM1716E Datasheet
557Kb / 18P
[Old version datasheet]   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1716E/2K TI1-PCM1716E/2K Datasheet
557Kb / 18P
[Old version datasheet]   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1716E/2KG4 TI1-PCM1716E/2KG4 Datasheet
557Kb / 18P
[Old version datasheet]   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1716EG4 TI1-PCM1716EG4 Datasheet
557Kb / 18P
[Old version datasheet]   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1716E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1728 BURR-BROWN-PCM1728 Datasheet
185Kb / 11P
   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1716 BURR-BROWN-PCM1716 Datasheet
222Kb / 14P
   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1716E TI1-PCM1716E Datasheet
557Kb / 18P
[Old version datasheet]   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1748 BURR-BROWN-PCM1748 Datasheet
323Kb / 20P
   24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1744 BURR-BROWN-PCM1744 Datasheet
83Kb / 9P
   24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1741 BURR-BROWN-PCM1741 Datasheet
325Kb / 20P
   3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1744U TI1-PCM1744U Datasheet
269Kb / 13P
[Old version datasheet]   24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1600 BURR-BROWN-PCM1600 Datasheet
253Kb / 28P
   24-Bit, 96kHz Sampling, 6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
   24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com