Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2232IDA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2232IDA
Description  MIXED SIGNAL MICROCONTROLLER
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2232IDA Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F2232IDA Datasheet HTML 6Page - Texas Instruments MSP430F2232IDA Datasheet HTML 7Page - Texas Instruments MSP430F2232IDA Datasheet HTML 8Page - Texas Instruments MSP430F2232IDA Datasheet HTML 9Page - Texas Instruments MSP430F2232IDA Datasheet HTML 10Page - Texas Instruments MSP430F2232IDA Datasheet HTML 11Page - Texas Instruments MSP430F2232IDA Datasheet HTML 12Page - Texas Instruments MSP430F2232IDA Datasheet HTML 13Page - Texas Instruments MSP430F2232IDA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
MSP430F22x2
MSP430F22x4
SLAS504G – JULY 2006 – REVISED AUGUST 2012
www.ti.com
Table 3. Terminal Functions, MSP430F22x2 (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
YFF
DA
RHA
General-purpose digital I/O pin
P4.7/TBCLK
F5
24
22
I/O
Timer_B, clock signal TBCLK input
Reset or nonmaskable interrupt input
RST/NMI/SBWTDIO
B3
7
5
I
Spy-Bi-Wire test data input/output during programming and test
Selects test mode for JTAG pins on Port 1. The device protection fuse is
connected to TEST.
TEST/SBWTCK
D1
1
37
I
Spy-Bi-Wire test clock input during programming and test
C1,
D3,
DVCC
2
38, 39
Digital supply voltage
D4,
E4, E5
C6,
AVCC
C7,
16
14
Analog supply voltage
D5
A3,
B1,
DVSS
B2,
4
1, 4
Digital ground reference
C3,
C4
B7,
AVSS
15
13
Analog ground reference
C5
QFN Pad
NA
NA
Pad
NA
QFN package pad; connection to DVSS recommended.
10
Copyright © 2006–2012, Texas Instruments Incorporated


Similar Part No. - MSP430F2232IDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2232IDA TI-MSP430F2232IDA Datasheet
1Mb / 85P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2232IDA TI-MSP430F2232IDA Datasheet
1Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2232IDA TI-MSP430F2232IDA Datasheet
2Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2232IDA TI-MSP430F2232IDA Datasheet
1Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2232IDA TI1-MSP430F2232IDA Datasheet
1Mb / 94P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2232IDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com